Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK-95 Datasheet(PDF) 6 Page - Amphenol Corporation

Part # TK-95
Description  Thermometrics temperature sensor solutions
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

TK-95 Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button TK-95 Datasheet HTML 2Page - Amphenol Corporation TK-95 Datasheet HTML 3Page - Amphenol Corporation TK-95 Datasheet HTML 4Page - Amphenol Corporation TK-95 Datasheet HTML 5Page - Amphenol Corporation TK-95 Datasheet HTML 6Page - Amphenol Corporation TK-95 Datasheet HTML 7Page - Amphenol Corporation TK-95 Datasheet HTML 8Page - Amphenol Corporation TK-95 Datasheet HTML 9Page - Amphenol Corporation TK-95 Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NTCorPTC?
Thermistorsarethermallysensitiveresistorswitheitheranegativeresistance/temperaturecoefficient(NTC)or
positiveresistance/temperature(PTC)coefficient.Thermometricsoffersawiderangeofbothtypesofthermistors
fromcomponentlevelthroughcompleteassemblies.Bothtypesofthermistorsaresolidstateceramic
components, known for their exceptional quality and long life.
Thermometrics is a world leader in beta curve selections and high voltage circuit applications.
NTC Thermistors
NTCthermistorsaremanufacturedfromtheoxidesof
transition metals and can operate over the range of -196°C
to1000°C.ChooseanNTCthermistorwhenacontinuous
change of resistance with temperature is required.
Temperature
Temperature
Volts
Current
What are the key characteristics of NTCs?
• Definedsensitivitytotemperature
• Sensitivitytoelectricalpowerinput
• Sensitivitytochangesinthermalconductivity
What are the main applications for NTC
thermistors?
• Temperaturemeasurementandcontrol
• Temperaturecompensation
• Surgesuppression
• Powermeasurement
• Fluidlevel-flowdetection
• Customizedsolutions
PTC Thermistors
PTCthermistorsaretemperature-dependentresistors
manufactured from doped barium titanate and are available
with transition temperatures from 60°C to 200°C. Choose
aPTCthermistorforselfreset-capablefuseandheater
applications.
What are the key characteristics of PTCs?
• Largechangeinresistanceatapreset
temperature
• Abilitytoself-regulatetemperature
• Current-limitingcapability
• Sensitivitytochangesinthermalconductivityw
• Standardandcustomdesigngeometries
What are the main applications for PTC
thermistors?
• Over-temperatureprotection
• Over-currentprotection
• Surgegeneration
• Currentstabilization
• Fluidlevel-flowdetection
• Selfregulatingheaters
Current
Volts
6


Similar Part No. - TK-95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TK-260 ETC-TK-260 Datasheet
1Mb / 1P
   FIBER DUCT KIT
logo
Mini-Circuits
TK-5 MINI-TK-5 Datasheet
264Kb / 1P
   Impedance ratios from 1:1 up to 16:1
TK-5++ MINI-TK-5+ Datasheet
264Kb / 1P
   Impedance ratios from 1:1 up to 16:1
logo
SYNERGY MICROWAVE CORPO...
TK-701B SYNERGY-TK-701B Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
TK-702B SYNERGY-TK-702B Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
More results

Similar Description - TK-95

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ZTP-015 AMPHENOL-ZTP-015 Datasheet
96Kb / 2P
   Thermometrics IR Sensor
logo
Willow Technologies Ltd
HS12SP WILLOW-HS12SP Datasheet
1Mb / 4P
   Thermometrics Relative Humidity Sensor
HS30P WILLOW-HS30P Datasheet
1Mb / 2P
   Thermometrics Relative Humidity Sensor
logo
General Electric Compan...
ZTP-135SR GEC-ZTP-135SR Datasheet
189Kb / 4P
   Thermometrics Thermopile IR Sensor
logo
Amphenol Corporation
CSP60BA252M AMPHENOL-CSP60BA252M Datasheet
74Kb / 2P
   Thermometrics Laboratory NTC Temperature Standards
AAS-920-614A AMPHENOL-AAS-920-614A Datasheet
67Kb / 4P
   Thermometrics Precision, Ultrastable NTC Temperature Standards
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
   Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
   Thermometrics
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com