Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC65H303A Datasheet(PDF) 3 Page - Amphenol Corporation

Part # MC65H303A
Description  Precision, solid state temperature sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MC65H303A Datasheet(HTML) 3 Page - Amphenol Corporation

  MC65H303A Datasheet HTML 1Page - Amphenol Corporation MC65H303A Datasheet HTML 2Page - Amphenol Corporation MC65H303A Datasheet HTML 3Page - Amphenol Corporation MC65H303A Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type MF65
Specifications
NTC Interchangeable Type MF65
Epoxy-coated interchangeable chip thermistors with
heavy isomid insulated nickel lead-wires.
Options
Consult Factory for Availability of Options
• Other resistance values in the range of
1000 Ω to 100 kΩ
• Other tolerances or ranges
• Other lead wires or lengths
• Non standard R vs T curves
• Controlled dimensions
Thermal and Electrical Properties
Dissipation Constant
Still air: 0.5 mW/°C
Stirred oil: 4m W/°C
Thermal Time Constant
Still air: 8 seconds
Stirred oil: 0.5 seconds
Maximum Power at 77°F (25°C)
25mW
De-rated from 100% at 77°F (25°C) to 0% at 212°F
(100°C)
3 in (76.2 mm) nominal
0.25 in (6.35 mm)
Ø 0.065 in
(1.65 mm)
maximum
Ø 0.004 in
(0.10 mm)
NTC Interchangeable Type MF65 Dimensions
Ordering Information
Select appropriate part number below for resistance
and temperature tolerance desired.
R25°C
Material System ±0.18°F (±0.1°C);
32°F to 158°F
(0°C to 70°C)
3000
F
MF65F302V
Note: For RoHS compliant product, please add the
suffix “N” to the part label. Example: MF65F302VN


Similar Part No. - MC65H303A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MC65 AMPHENOL-MC65 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
More results

Similar Description - MC65H303A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
DC95 AMPHENOL-DC95 Datasheet
127Kb / 4P
   Precision, solid state temperature sensor
C100F202F AMPHENOL-C100F202F Datasheet
54Kb / 2P
   Low cost, solid state temperature sensor
HM70N232J AMPHENOL-HM70N232J Datasheet
57Kb / 4P
   Low cost, solid state temperature sensor
RL0703-624-73-MS AMPHENOL-RL0703-624-73-MS Datasheet
66Kb / 2P
   Low cost, solid state temperature sensor
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
2SS52M HONEYWELL-2SS52M Datasheet
315Kb / 2P
   SOLID STATE SENSOR
logo
Honeywell Accelerometer...
SS41L HONEYWELL-ACC-SS41L Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
List of Unclassifed Man...
SS443A-L ETC-SS443A-L Datasheet
590Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
SS50AT HONEYWELL-SS50AT Datasheet
287Kb / 3P
   SOLID STATE SENSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com