Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC95F302W Datasheet(PDF) 2 Page - Amphenol Corporation

Part # DC95F302W
Description  Precision, solid state temperature sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

DC95F302W Datasheet(HTML) 2 Page - Amphenol Corporation

  DC95F302W Datasheet HTML 1Page - Amphenol Corporation DC95F302W Datasheet HTML 2Page - Amphenol Corporation DC95F302W Datasheet HTML 3Page - Amphenol Corporation DC95F302W Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TypeDC95Specifications
NTC Interchangeable Thermistor
Chip
Epoxy-coated, NTC interchangeable thermistor
chips with bare tinned copper lead wires.
Options
Consult Factory for Availability of Options
• Other resistance values in the range of 1000
Ω to
100 k
Ω
• Other tolerances or ranges
• Alternative lead wires or lengths
• Non standard R vs T curves
• Controlled dimensions
• Special sensor assemblies or enclosures
Thermal and Electrical Properties
Dissipation Constant
Still air:
1 mW/°C
Stirred oil:
8 mW/°C
Thermal Time Constant
Still air:
10 seconds
Stirred oil:
1 second
Maximum Power at 77°F (25°C)
75 mW
De-rated from 100% at 77°F (25°C) to 0% at 212°F
(100°C)
NTC Interchangeable Type DC95 dimensions
Ordering Information
Select appropriate part number below for resistance
and temperature tolerance desired.
R25°C
Material
System
32°F to 158°F
(0°C to 70°C)
±0.18°F
(±0.1°C)
32°F to 158°F
(0°C to 70°C)
±0.36°F
(±0.2°C)
32°F to 212°F
(0 to 100°C)
±0.36°F
(±0.2°C)
2000
F
DC95F202V
DC95F202W
DC95F202Z
2252
F
DC95F232V
DC95F232W
DC95F232Z
3000
F
DC95F302V
DC95F302W
DC95F302Z
5000
F
DC95F502V
DC95F502W
DC95F502Z
10000
F
DC95F103V
DC95F103W
DC95F103Z
10000
Y
DC95Y103V
DC95Y103W
DC95Y103Z
30000
H
DC95H303V
DC95H303W
DC95H303Z
50000
G
DC95G503V
DC95G503W
DC95G503Z
100000
Y
DC95Y104V
DC95Y104W
DC95Y104Z
100000
G
DC95G104V
DC95G104W
DC95G104Z
Notes:
1. For RoHS compliant product, please add
thesuffix“N”tothepartlabel.Example:
DC95F103VN
2. For RoHS compliant product with applications
below0°C,pleaseaddthesuffix“H”tothepart
label. Example: DC95F103VH
Tinned copper
leads
0.012 in (0.3 mm)
1.5 in (38.1 mm) nom
Epoxy-coated
thermistor chip
Ø 0.095 in
(2.4 mm)
max


Similar Part No. - DC95F302W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DC95F302W ETC2-DC95F302W Datasheet
178Kb / 4P
   Thermometrics Thermistors
More results

Similar Description - DC95F302W

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MC65 AMPHENOL-MC65 Datasheet
53Kb / 4P
   Precision, solid state temperature sensor
C100F202F AMPHENOL-C100F202F Datasheet
54Kb / 2P
   Low cost, solid state temperature sensor
HM70N232J AMPHENOL-HM70N232J Datasheet
57Kb / 4P
   Low cost, solid state temperature sensor
RL0703-624-73-MS AMPHENOL-RL0703-624-73-MS Datasheet
66Kb / 2P
   Low cost, solid state temperature sensor
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
2SS52M HONEYWELL-2SS52M Datasheet
315Kb / 2P
   SOLID STATE SENSOR
logo
Honeywell Accelerometer...
SS41L HONEYWELL-ACC-SS41L Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
List of Unclassifed Man...
SS443A-L ETC-SS443A-L Datasheet
590Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
SS50AT HONEYWELL-SS50AT Datasheet
287Kb / 3P
   SOLID STATE SENSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com