Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61S6432 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # 61S6432
Description  64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

61S6432 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  61S6432 Datasheet HTML 1Page - Integrated Silicon Solution, Inc 61S6432 Datasheet HTML 2Page - Integrated Silicon Solution, Inc 61S6432 Datasheet HTML 3Page - Integrated Silicon Solution, Inc 61S6432 Datasheet HTML 4Page - Integrated Silicon Solution, Inc 61S6432 Datasheet HTML 5Page - Integrated Silicon Solution, Inc 61S6432 Datasheet HTML 6Page - Integrated Silicon Solution, Inc 61S6432 Datasheet HTML 7Page - Integrated Silicon Solution, Inc 61S6432 Datasheet HTML 8Page - Integrated Silicon Solution, Inc 61S6432 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Integrated Silicon Solution, Inc. • 1-800-379-4774
3
Rev.B
06/28/01
IS61S6432
ISSI®
PIN CONFIGURATION
100-Pin TQFP and PQFP (Top View)
NC
DQ16
DQ15
VCCQ
GNDQ
DQ14
DQ13
DQ12
DQ11
GNDQ
VCCQ
DQ10
DQ9
GND
NC
VCC
ZZ
DQ8
DQ7
VCCQ
GNDQ
DQ6
DQ5
DQ4
DQ3
GNDQ
VCCQ
DQ2
DQ1
NC
NC
DQ17
DQ18
VCCQ
GNDQ
DQ19
DQ20
DQ21
DQ22
GNDQ
VCCQ
DQ23
DQ24
VCCQ
VCC
NC
GND
DQ25
DQ26
VCCQ
GNDQ
DQ27
DQ28
DQ29
DQ30
GNDQ
VCCQ
DQ31
DQ32
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PIN DESCRIPTIONS
A0-A15
Address Inputs
CLK
Clock
ADSP
Processor Address Status
ADSC
Controller Address Status
ADV
Burst Address Advance
BW1-BW4
Synchronous Byte Write Enable
BWE
Byte Write Enable
GW
Global Write Enable
CE1, CE2, CE3
Synchronous Chip Enable
OE
Output Enable
DQ1-DQ32
Data Input/Output
ZZ
Sleep Mode
MODE
Burst Sequence Mode
VCC
+3.3V Power Supply
GND
Ground
VCCQ
Isolated Output Buffer Supply: +3.3V
GNDQ
Isolated Output Buffer Ground
NC
No Connect


Similar Part No. - 61S6432

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
61S MSYSTEM-61S Datasheet
155Kb / 5P
   Field Network Modules 61-UNIT Series
61S-161-K MSYSTEM-61S-161-K Datasheet
155Kb / 5P
   Field Network Modules 61-UNIT Series
61S-161-K/Q MSYSTEM-61S-161-K/Q Datasheet
155Kb / 5P
   Field Network Modules 61-UNIT Series
61S-161-R MSYSTEM-61S-161-R Datasheet
155Kb / 5P
   Field Network Modules 61-UNIT Series
61S-161-R/Q MSYSTEM-61S-161-R/Q Datasheet
155Kb / 5P
   Field Network Modules 61-UNIT Series
More results

Similar Description - 61S6432

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com