Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFC1AT80A01N7 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # NFC1AT80A01N7
Description  NFC antenna with ferrite shielding feature for over-metal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

NFC1AT80A01N7 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  NFC1AT80A01N7 Datasheet HTML 1Page - Johanson Technology Inc. NFC1AT80A01N7 Datasheet HTML 2Page - Johanson Technology Inc. NFC1AT80A01N7 Datasheet HTML 3Page - Johanson Technology Inc. NFC1AT80A01N7 Datasheet HTML 4Page - Johanson Technology Inc. NFC1AT80A01N7 Datasheet HTML 5Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P/N NFC1AT80A01N7
Detail Specification:
Page 2 of 5
For optimized reading distance and speed, other inductance values
1 may be selected, go to: www.johansontechnology.com/antennas
Radiation Direction (H Field ≥ 1.5A/m)
1Depending on design and end product environment
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2014 Johanson Technology, Inc. All Rights Reserved
Ver 1.1
Typical Electrical Characteristics (T=25
°C) without metal plane
and delivery conditions when placing your order. All sales are subject to Johanson Technology, Inc. terms and conditions.
"High Frequency Ceramic Solutions"
Johanson Technology, Inc. reserves the right to make design changes without notice. Please confirm the specifications
1/7/2016
NFC antenna with ferrite shielding feature for over-metal/battery/rugged/industrial/
home/automotive and extended reading distance environments.
Applications: Lock Access, Pairing, Data Communications, Payment systems, RFID
Antenna Inductance (uH)
Antenna Impedance (Ohms)
Features
• Can be mounted on top of metal
• Available in various inductance values
depending on environment
• No custom antenna layout design needed
• Near field inductive coupling
• Ferromagnetic material for fast, instant
coupling
• Shape, dimensions and matching circuit
design for easy integration of all 13.56MHz
NFC applications
• Thin profile
No Radiation on this side
Contact Pads
on Bottom
Side
Adhesive on
this side
-8
-6
-4
-2
0
2
4
6
8
-10
10
freq, MHz
23480000.000
1.810
m36
m36
freq=
Ind_uH=1.701
13.56MHz
freq (1.000MHz to 100.0MHz)
Readout
m39
m39
freq=
S(4,4)=0.988 / 38.062
impedance = 2.865 + j144.907
13.56MHz
-8
-6
-4
-2
0
2
4
6
8
-10
10
freq, MHz
23480000.000
1.810
m36
m36
freq=
Ind_uH=1.701
13.56MHz
freq (1.000MHz to 100.0MHz)
Readout
m39
m39
freq=
S(4,4)=0.988 / 38.062
impedance = 2.865 + j144.907
13.56MHz


Similar Part No. - NFC1AT80A01N7

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
NFC1AT80A01N6 JOHANSON-NFC1AT80A01N6 Datasheet
509Kb / 5P
   NFC antenna with ferrite shielding feature for over-metal
NFC1AT80A01N8 JOHANSON-NFC1AT80A01N8 Datasheet
511Kb / 5P
   NFC antenna with ferrite shielding feature for over-metal
More results

Similar Description - NFC1AT80A01N7

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
NFC1AT80A01N6 JOHANSON-NFC1AT80A01N6 Datasheet
509Kb / 5P
   NFC antenna with ferrite shielding feature for over-metal
NFC1AT80A01N8 JOHANSON-NFC1AT80A01N8 Datasheet
511Kb / 5P
   NFC antenna with ferrite shielding feature for over-metal
logo
Pulse A Technitrol Comp...
L158 PULSE-L158 Datasheet
524Kb / 2P
   Small Planar NFC Antenna with Ferrite
W7013 PULSE-W7013 Datasheet
524Kb / 2P
   Small Planar NFC Antenna with Ferrite
logo
Abracon Corporation
ANFCA-2525-A02 ABRACON-ANFCA-2525-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-4535-A01 ABRACON-ANFCA-4535-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.04.15
ANFCA-4030-A01 ABRACON-ANFCA-4030-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.04.15
ANFCA-3225-A02 ABRACON-ANFCA-3225-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-4545-A01 ABRACON-ANFCA-4545-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-4040-A02 ABRACON-ANFCA-4040-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.09.15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com