Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2450AT42E0100 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 2450AT42E0100
Description  2.4 GHz Surface Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2450AT42E0100 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  2450AT42E0100 Datasheet HTML 1Page - Johanson Technology Inc. 2450AT42E0100 Datasheet HTML 2Page - Johanson Technology Inc. 2450AT42E0100 Datasheet HTML 3Page - Johanson Technology Inc. 2450AT42E0100 Datasheet HTML 4Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.4 GHz Surface Mount, Above Metal, Low Profile Mini Chip Antenna
P/N 2450AT42E0100
This antenna must have metal directly underneath on bottom layer in order to function properly
Detail Specification:
Page 2 of 4
This is the Web version of this datasheet, for the full datasheet, please contact us at: www.johansontechnology.com/ask-a-question
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2016 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
10/17/2016
If you'd like the complete datasheet which
includes detailed layout specs, tuning
techniques, and application notes for
IoT/wearables, send us as message at:
www.johansontechnology.com/ask-a-question
Typical Electrical Characteristics (T=25 °C) Radiation Patterns@2.44GHz
Johanson Technology, Inc. reserves the right to make design changes without notice. Please confirm the specifications
and delivery conditions when placing your order. All sales are subject to Johanson Technology, Inc. terms and conditions.
Ver. 1.3
Y :Φ(Phi)=90o
X :Φ(Phi)=0o
Z : θ(Theta)=0o
XY-plane @2440MHz
Total
XZ-plane @2440MHz
Total
YZ-plane @2440MHz
Total


Similar Part No. - 2450AT42E0100

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450AT42E0100E JOHANSON-2450AT42E0100E Datasheet
371Kb / 4P
   2.4 GHz Surface Mount, Above Metal, Low Profile Mini Chip Antenna This antenna must have metal directly underneath on bottom layer in order to function
More results

Similar Description - 2450AT42E0100

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450AT42E010B JOHANSON-2450AT42E010B Datasheet
370Kb / 4P
   2.4 GHz Surface Mount
logo
Taoglas antenna solutio...
SWLP2450104A02 TAOGLAS-SWLP2450104A02 Datasheet
1Mb / 17P
   10mm Surface Mount 2.4 GHz Patch Antenna
logo
Vishay Siliconix
VJ5105W240GXCMT VISHAY-VJ5105W240GXCMT Datasheet
335Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
01-Jan-2022
VJ5105W240GXCMT VISHAY-VJ5105W240GXCMT_15 Datasheet
325Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
Revision: 26-Apr-13
VJ5103W240GXCMT VISHAY-VJ5103W240GXCMT Datasheet
375Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
01-Jan-2022
VJ5104W240GXCMT VISHAY-VJ5104W240GXCMT Datasheet
404Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
01-Jan-2022
VJ5103W240GXCMT VISHAY-VJ5103W240GXCMT_15 Datasheet
378Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
Revision: 26-Apr-13
VJ5106W240GXCMT VISHAY-VJ5106W240GXCMT_15 Datasheet
392Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
Revision: 26-Apr-13
VJ5106W240GXCMT VISHAY-VJ5106W240GXCMT Datasheet
401Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
01-Jan-2022
logo
Maxtena Inc.
MEA-2400-MM MAXTENA-MEA-2400-MM Datasheet
1Mb / 3P
   2.4 GHz ISM Magnetic Mount antenna
REV A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com