Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ2501G Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # GBJ2501G
Description  SINGLE PHASE 25AMP GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

GBJ2501G Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  GBJ2501G Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. GBJ2501G Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. GBJ2501G Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
@IF=30A
@IF=15A
1.1
Forward Voltage per element
SINGLE PHASE
AMP GLASS PASSIVATED BRIDGE RECTIFIER
Plastic material-UL flammability 94V-0
25.0
GBJ25005G THRU GBJ2510G
85
1.0
Single Phase, half wave, 60Hz, resistive or inductive load.
ambient temperature unless otherwise specified.
·
Lead Free: For RoHS / Lead Free Version
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Features
Mechanical Data
Polarity: As Marked on Case
Mounting Position: Any
Marking: Type Number
Maximum Ratings and Electrical Characteristics
For capacitive load, derate current by 20%.
· Glass passivated die construction
Low forward voltage drop
· High current capability
· High surge current capability
·
·
·
·
·
·
Rating at 25℃
VRRM
VRWM
VDC
VRMS
35
70
140
280
420
560
700
VFM
TJ,TSTG
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
uA
Typical Junction Capacitance per leg
pF
℃/W
IR
5.0
500
V
V
V
1000
100
200
400
600
800
50
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
6
·
Peak Reverse Current
@T =25
At Rated DC Blocking Voltage
@T =125
A
A
CJ
SYMBOL
UNITS
TYPE NUMBER
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
1.0
22
RθJA
RθJC
Between junction and ambient, Without heatsink
Between junction and case, With heatsink
320
Average Rectified Output Current (Note 1)@T =90
25.0
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
A
IFSM
A
C
A
t
I2t Rating for Fusing (t < 8.3ms)
2
2s
I
424.96
Case: Molded plastic, GBJ
version:02
1 of 3
www.dyelec.com
25005G
2510G
2508G
2506G
2504G
2502G
2501G
IF(AV)
dimensions in inches and (millimeters)
GBJ
.433(11)
.354(9.0)
.043(1.1)
.035(0.9)
.090(2.3)
.078(2.0)
1.193(30.3)
1.169(29.7)
.800(20.3)
.787(19.7) .441(11.2)
.425(10.8)
.023(0.6)
.303(7.7)
.287(7.3)
.165(4.2)
.150(3.8)
.706(18.0)
.626(16.0)
.303(7.7)
.287(7.3)
.110(2.8)
.094(2.4)
.150(3.8)
.134(3.4)
.184(3.4)
.122(3.1)
.189(4.8)
.173(4.4)
.106(2.7)
.096(2.3)
+
~~
-
+
~~
-
.215(5.2)
.196(4.8)
+
-
~
~


Similar Part No. - GBJ2501G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ2501 MCC-GBJ2501 Datasheet
633Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBJ2501 DIODES-GBJ2501 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
logo
EIC discrete Semiconduc...
GBJ2501 EIC-GBJ2501 Datasheet
135Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 05 : August 20, 2012
logo
Micro Commercial Compon...
GBJ2501 MCC-GBJ2501 Datasheet
127Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
GBJ2501 CHENDA-GBJ2501 Datasheet
977Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - GBJ2501G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KBPC25005 DYELEC-KBPC25005 Datasheet
3Mb / 3P
   SINGLE PHASE 25AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ25005A DYELEC-GBJ25005A Datasheet
4Mb / 3P
   SINGLE PHASE 25AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ25005T DYELEC-GBJ25005T Datasheet
4Mb / 3P
   SINGLE PHASE 25AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
GBJ25005 CHENYI-GBJ25005 Datasheet
53Kb / 2P
   25Amp glass passivated bridge rectifier 50to1000 volts
logo
SeCoS Halbleitertechnol...
GBJ25005 SECOS-GBJ25005_15 Datasheet
197Kb / 2P
   25Amp Glass Passivated Bridge Rectifiers
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com