Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI3-1512S Datasheet(PDF) 2 Page - Recom International Power

Part # RI3-1512S
Description  3 Watt in a SIP4 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RI3-1512S Datasheet(HTML) 2 Page - Recom International Power

  RI3-1512S Datasheet HTML 1Page - Recom International Power RI3-1512S Datasheet HTML 2Page - Recom International Power RI3-1512S Datasheet HTML 3Page - Recom International Power RI3-1512S Datasheet HTML 4Page - Recom International Power RI3-1512S Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
-10%
+10%
Operating Frequency
nominal Vin
20kHz
40kHz
Minimum Load (3)
0%
Output Ripple and Noise (4)
20MHz BW
50mVp-p
100mVp-p
ECO-2
REV.: 0/2016
www.recom-power.com
REGULATIONS
Parameter
Condition
Values
Output Voltage Accuracy
5Vout
all other
3% min. / ±4% typ.
2% min. / ±3% typ.
Line Voltage Regulation
low line to high line, load @1% of Vin
±1.2% max.
Load Voltage Regulation
10% to 100% load
5Vout
all other
±8% typ. / ±10% max.
±6% typ. / ±10% max.
continued on next page
RI3
Series
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
Efficiency vs. Load
0505
0509
0512
0515
1205
1209
1212
1215
1505
1509
1512
1515
2405
2409
2412
2415
Output Load [%]
0
0
20
40
60
80
100
20
40
60
80
100
Output Load [%]
0
0
20
40
60
80
100
20
40
60
80
100
Output Load [%]
0
0
20
40
60
80
100
20
40
60
80
100
Output Load [%]
0
0
20
40
60
80
100
20
40
60
80
100
RI3-05xxS
RI3-15xxS
RI3-12xxS
RI3-24xxS
Notes:
Note3: Operation below no load won‘t harm the converter, but specifications may not be met.
Note4: Measurements are made with a 100nF MLCC across output. (low ESR).


Similar Part No. - RI3-1512S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RI3-1512S RECOM-RI3-1512S Datasheet
330Kb / 5P
   3 Watt SIP4 Single Output
More results

Similar Description - RI3-1512S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
   3 Watt SIP4 Single Output
logo
TT Electronics.
SC3 TTELEC-SC3 Datasheet
986Kb / 3P
   3 watts in a 1 watt size package
logo
Recom International Pow...
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
   2 Watt SIP4 Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
   1 Watt SIP4 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
   0.25 Watt SIP4 Single Output
RO-1.81.8S RECOM-RO-1.81.8S_06 Datasheet
99Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
   0.5 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
   1 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
ROE-3.305S RECOM-ROE-3.305S Datasheet
300Kb / 4P
   1 Watt SIP4 Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com