Electronic Components Datasheet Search |
|
X9409WZ24I Datasheet(PDF) 5 Page - Xicor Inc. |
|
X9409WZ24I Datasheet(HTML) 5 Page - Xicor Inc. |
5 / 21 page X9409 – Preliminary Information Characteristics subject to change without notice. 5 of 21 REV 1.6 1/30/03 www.xicor.com Figure 3. Two-Byte Instruction Sequence S T A R T 0101 A3 A2 A1 A0 A C K I3 I2 I1 I0 R1 R0 P1 P0 A C K SCL SDA S T O P The Increment/Decrement command is different from the other commands. Once the command is issued and the X9409 has responded with an acknowledge, the master can clock the selected wiper up and/or down in one segment steps; thereby, providing a fine tuning capability to the host. For each SCL clock pulse (tHIGH) while SDA is HIGH, the selected wiper will move one resistor segment towards the VH/RH terminal. Similarly, for each SCL clock pulse while SDA is LOW, the selected wiper will move one resistor segment towards the VL/RL terminal. A detailed illustration of the sequence and timing for this operation are shown in Figures 5 and 6 respectively. Table 1. Instruction Set Note: (7) 1/0 = data is one or zero Instruction Instruction Set Operation I3 I2 I1 I0 R1 R0 P1 P0 Read Wiper Counter Register 10 0 1 0 0 P1 P0 Read the contents of the Wiper Counter Register pointed to by P1–P0 Write Wiper Counter Register 10 1 0 0 0 P1 P0 Write new value to the Wiper Counter Register pointed to by P1–P0 Read Data Register 1 0 1 1 R1 R0 P1 P0 Read the contents of the Data Register pointed to by P1–P0 and R1–R0 Write Data Register 1 1 0 0 R1 R0 P1 P0 Write new value to the Data Register pointed to by P1–P0 and R1–R0 XFR Data Register to Wiper Counter Register 11 0 1 R1 R0 P1 P0 Transfer the contents of the Data Register pointed to by P1–P0 and R1–R0 to its associated Wiper Counter Register XFR Wiper Counter Register to Data Register 11 1 0 R1 R0 P1 P0 Transfer the contents of the Wiper Counter Register pointed to by P1–P0 to the Data Register pointed to by R1–R0 Global XFR Data Registers to Wiper Counter Registers 00 0 1 R1 R0 0 0 Transfer the contents of the Data Registers pointed to by R1–R0 of all four pots to their respective Wiper Counter Registers Global XFR Wiper Counter Registers to Data Register 10 0 0 R1 R0 0 0 Transfer the contents of both Wiper Counter Registers to their respective Data Registers pointed to by R1–R0 of all four pots Increment/Decrement Wiper Counter Register 00 1 0 0 0 P1 P0 Enable Increment/decrement of the WCR Latch pointed to by P1–P0 |
Similar Part No. - X9409WZ24I |
|
Similar Description - X9409WZ24I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |