Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REDIN240 Datasheet(PDF) 5 Page - Recom International Power

Part # REDIN240
Description  Universal AC Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN240 Datasheet(HTML) 5 Page - Recom International Power

  REDIN240 Datasheet HTML 1Page - Recom International Power REDIN240 Datasheet HTML 2Page - Recom International Power REDIN240 Datasheet HTML 3Page - Recom International Power REDIN240 Datasheet HTML 4Page - Recom International Power REDIN240 Datasheet HTML 5Page - Recom International Power REDIN240 Datasheet HTML 6Page - Recom International Power REDIN240 Datasheet HTML 7Page - Recom International Power REDIN240 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC/DC Converter
PDR-5
REV.: 1/2016
www.recom-power.com
Specifications (measured @ ta = 25°C, rated Vin, rated load and after warm up)
REDIN240
Series
Fast Transient and Burst Immunity
AC Power Port: L+N+PE ±1kV
EN61000-4-4, Criteria B, 2012
Surge Immunity
AC Power Port L-N ±1kV, L-PE + N-PE ±2kV
EN61000-4-5, Criteria B, 2014
Immunity to conducted disturbances, induced by radio-frequency fields
AC Power Port 3V
EN61000-4-6, Criteria A, 2014
Power Magnetic Field Immunity
50Hz, 1A/m
EN61000-4-8, Criteria A, 2010
Voltage Dips and Interruptions
Voltage Dips >95%
Voltage Dips 30%
Voltage Interruptions >95%
EN61000-4-11, Criteria B, 2004
EN61000-4-11, Criteria C, 2004
EN61000-4-11, Criteria C, 2004
Limits of Harmonic Current Emissions
EN61000-3-2, Criteria A, 2014
Voltage Fluctuations & Flicker
EN61000-3-3, Clause 5, 2013
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Cover
Aluminium
Nickel plated steel
Package Dimension (LxWxH)
without mounting clip
114.26 x 46.0 x 124.4mm
Package Weight
810g typ.
continued on next page
12.5
6.85
28.3
114.26
44.0
34.0
24.75
1.75
123.77
55.0
10.4
38.0
46.0
19.1
Vadj.
DC OK LED
Parallel Use
Single Use
PE
DC OK +V +V -V -V
N
L
Dimension Drawing (mm)


Similar Part No. - REDIN240

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REDIN240-24/3AC RECOM-REDIN240-24/3AC Datasheet
617Kb / 8P
   240 Watt 3 Phase DIN-Rail Power Supply
REDIN240-3AC RECOM-REDIN240-3AC Datasheet
617Kb / 8P
   240 Watt 3 Phase DIN-Rail Power Supply
More results

Similar Description - REDIN240

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
   Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
   Universal AC Input
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
   Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
   Universal AC input
logo
Lite-On Technology Corp...
PA-1400-48 LITEON-PA-1400-48 Datasheet
190Kb / 1P
   Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
   Universal AC Input
logo
Emerson Network Power
DPS50 EMERSON-NETWORKPOWER-DPS50 Datasheet
456Kb / 2P
   Universal AC input
DPT50 EMERSON-NETWORKPOWER-DPT50 Datasheet
647Kb / 2P
   Universal AC input
AD50SERIES EMERSON-NETWORKPOWER-AD50SERIES Datasheet
173Kb / 2P
   Universal AC input
logo
Lite-On Technology Corp...
PA-1400-47 LITEON-PA-1400-47 Datasheet
499Kb / 2P
   Universal AC Input
PA-1600-31 LITEON-PA-1600-31 Datasheet
547Kb / 2P
   Universal AC Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com