Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C917U472MZVDDA7317 Datasheet(PDF) 4 Page - Kemet Corporation

Part # C917U472MZVDDA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C917U472MZVDDA7317 Datasheet(HTML) 4 Page - Kemet Corporation

  C917U472MZVDDA7317 Datasheet HTML 1Page - Kemet Corporation C917U472MZVDDA7317 Datasheet HTML 2Page - Kemet Corporation C917U472MZVDDA7317 Datasheet HTML 3Page - Kemet Corporation C917U472MZVDDA7317 Datasheet HTML 4Page - Kemet Corporation C917U472MZVDDA7317 Datasheet HTML 5Page - Kemet Corporation C917U472MZVDDA7317 Datasheet HTML 6Page - Kemet Corporation C917U472MZVDDA7317 Datasheet HTML 7Page - Kemet Corporation C917U472MZVDDA7317 Datasheet HTML 8Page - Kemet Corporation C917U472MZVDDA7317 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017
4
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Approval Standard and Certification No.
Safety Standard
Standard No.
Subclass
Working Voltage
Certificate No.
VDE
(ENEC)
IEC 60384–14
X1
440 VAC
40036415
Y2
300 VAC
UL
CAN/CSA
UL 60384–14 and
E60384–14
X1
440 VAC
E356389
Y2
300 VAC
These devices are VDE/ENEC and UL recognized for antenna coupling and AC line-to-line (Class X) and line-to-ground (Class Y) applications per
IEC60384–14 and UL 60384–14.
Environmental Compliance
These devices are Halogen free and RoHS Compliant. They meet all requirements set forth by both EU and China RoHS
directives.
General Specifications/Performance Characteristics
Dielectric/Temperature Characteristic
SL
Y5P
Y5U
Y5V
Operating Temperature Range:
−40°C to +125°C
Capacitance Change with Reference to +25°C
and 0 VDC Applied (TCC):
−1,000 ~ +350 ppm/
ºC
±10%
+20%/−55%
~ +30%/−80%
Dielectric Withstanding Voltage
(7.5 mm and 10 mm Lead Spacing)
2,600 VAC
(60±5 seconds at 25ºC)
Quality Factor (Q)
30 pF and above:
≥ 1,000
Below 30 pF: ≥ 400
+(20xC)*
See “Dissipation Factor”
Dissipation Factor (tanδ) at +25ºC1
See “Quality Factor”
2.50%
2.50%
5.0%
Insulation Resistance (IR) Limit at +25°C
10,000 MΩ Minimum
(500 VDC applied for 60±5 seconds at 25°C)
*C = Nominal capacitance
1
Capacitance and Dissipation Factor (DF) measured under the following conditions:
SL: 1 MHz ± 100 kHz and 1.0 ±0.2 Vrms
X5P, Y5U and Y5V: 1 kHz ± 50 Hz and 1.0 ±0.2 Vrms
Note: When measuring capacitance, it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known
as Automatic Level Control (ALC). The ALC feature should be switched to "ON."


Similar Part No. - C917U472MZVDDA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C917U620JZSDBAWL40 KEMET-C917U620JZSDBAWL40 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Z, 62 pF, 5%, SL, Lead Spacing = 7.5mm
More results

Similar Description - C917U472MZVDDA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
logo
Vishay Siliconix
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com