Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3470100000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 3470100000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3470100000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  3470100000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3470100000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3470100000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3470100000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3470100000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3470100000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3470100000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3470100000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3470100000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 164 page
background image
www.Rose-Bopla.com
2
Generally, enclosures are intended to protect their contents from outside risks. These risks can be varied in
nature and are of extreme importance when choosing an enclosure. In judging whether a particular housing
meets the protection requirements of your application, a clear analysis of the environment where the enclosure
is to be used should be made.
The following conditions need to be taken into account:
1. Protection against contact with and penetration by foreign bodies;
2. Protection against water ingress;
3. Protection against external or internal radiated noise (RFI Shielding);
4. Chemical resistance;
5. Temperature resistance;
6. Impact resistance;
7. Corrosion resistance.
In electronics/electrical engineering, the functions of enclosures are two-fold:
1. To protect the contents from mechanical risks and radiated noise from the outside.
2. To protect the environment from mechanical and electrical risks, as well as from radiated noise
caused by installed components.
With the ever-increasing development of electronic components, the increased packing densities on printed
circuit boards, and the increased "contamination" of the environment by electromagnetic interference, electro-
magnetic compatibility is becoming an issue of growing importance in the choice of an enclosure.
In most applications, material is a major factor in your choice of an enclosure. In general, aluminum is
ideal for EMI/RFI applications; fiberglass is ideal for caustic environments and salt-water applications; polycar-
bonate is good for all indoor and light outdoor applications; and ABS is well suited for indoor
instrumentation designs.
Rose
+Bopla enclosures are classified under the generally applicable European protection guidelines of
EN 60529 and IEC 144. These protection classifications are indicated by a designation consisting of two
unchanging letters, IP, plus two digits for the protection grade. Many of the enclosures in this catalog bear the
IP 66 or IP 65 protection classification.
IP 65: Protection against ingress by dust and water jets
IP 66: Protection against ingress by dust and powerful water jets
Specific product lines are classified according to UL 50 and UL 508. These include aluminum, fiberglass, and
plastic. Also noted in this catalog are recommended classification types like NEMA and UL, which are com-
monly used in the USA. Please contact the appropriate association or agency for complete infor-mation
regarding test requirements and qualifications. Refer to the Technical Information Chapter in this catalog for
more information on Protection Classifications.
The temperature resistance of enclosures is defined as the maximum permanent temperature at which
the stability of the shape and the protection classification are maintained. Permissible short-term peak temper-
atures are often considerably higher.
Aluminum enclosures are resistant to corrosion even without a special surface treatment. The use of
aluminum alloys with a low copper content increases corrosion resistance. Additional treatments such as irridit-
ing, painting, powder-coating, or a combination of irriditing and painting provide increased corrosion resis-
tance.
Impact resistance is a measurement of the maximum impact that will not affect the protection classifi-
cation. The breaking strength is often far greater. Impact resistance for Rose
+Bopla enclosures is
determined in an impact test to EN 50014.
Choosing an Enclosure
GENERAL
CONSIDERATIONS
MATERIAL
CONSIDERATIONS
PROTECTION
CLASSIFICATIONS
TEMPERATURE
RESISTANCE
CORROSION
RESISTANCE OF
ALUMINUM
ENCLOSURES
IMPACT
RESISTANCE


Similar Part No. - 3470100000

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34701 FREESCALE-34701 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
More results

Similar Description - 3470100000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN975 STMICROELECTRONICS-AN975 Datasheet
78Kb / 11P
   As part of a process of continuous improvement
STPSC20H065C-Y STMICROELECTRONICS-STPSC20H065C-Y Datasheet
156Kb / 9P
   Dedicated to PFC applications
September 2014 Rev 2
STPSC40065C STMICROELECTRONICS-STPSC40065C Datasheet
457Kb / 9P
   Dedicated to PFC applications
September 2016 Rev 3
logo
PANDUIT CORP.
T038X000FJC-BK PANDUIT-T038X000FJC-BK Datasheet
126Kb / 1P
   CUSTOMER DRAWING PI CASSETTE CONTINUOUS TAPE LABEL
logo
STMicroelectronics
STPSC12H065-Y STMICROELECTRONICS-STPSC12H065-Y Datasheet
454Kb / 9P
   Dedicated to PFC applications
October 2016 Rev 4
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
450Kb / 9P
   Dedicated to PFC applications
May 2016 Rev 1
STPSC20H065C STMICROELECTRONICS-STPSC20H065C Datasheet
170Kb / 9P
   Dedicated to PFC applications
November 2013 Rev 3
logo
Infineon Technologies A...
TLE9260-3QX INFINEON-TLE9260-3QX Datasheet
6Mb / 175P
   Dedicated Data Sheets are available for the different product variants
TLE9260QXV33 INFINEON-TLE9260QXV33 Datasheet
5Mb / 141P
   Dedicated Data Sheets are available for the different product variants
TLE9261QXV33 INFINEON-TLE9261QXV33 Datasheet
6Mb / 153P
   Dedicated Data Sheets are available for the different product variants
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com