Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60AS105-K40N1 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 60AS105-K40N1
Description  ATTENUATOR PLUG/JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

60AS105-K40N1 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  60AS105-K40N1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 60AS105-K40N1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
7/16
50
ATTENUATOR PLUG/JACK
60AS105-K40N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Frequency
DC to 8 GHz
Return loss
≥ 30.7 dB, DC to 1 GHz
≥ 26.4 dB, 1 GHz to 2 GHz
≥ 20.0 dB, 2 GHz to 8 GHz
Attenuation
40 dB
Tolerances
≤ ± 0.4 dB, DC to 2 GHz
≤ ± 0.5 dB, 2 GHz to 4 GHz
≤ ± 1.2 dB, 4 GHz to 8 GHz
Center contact resistance
≤ 4.0 mΩ
Outer contact resistance
≤ 1.5 mΩ
Power handling
5 W at 25°C
derated linearity to 0 Watts at 125°C
Mechanical data
Mating cycles
min. 500
Coupling nut retention
≥ 1000 N
Center contact captivation
≥ 200 N
Coupling test torque
max. 35 Nm
Recommended torque
25 Nm to 30 Nm
Environmental data
Temperature range
-65°C to +85°C
2002/95/EC (RoHS)
compliant
Tooling
N/A
Suitable cables
N/A
Packing
Standard
1 pce in bag
Weight
222 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Kerstin Herzog
23/03/05
Frank Weiß
10/06/08
d00
08-0348
Kerstin Hobrak
11/06/08
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 60AS105-K40N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60AS105-K03N1 ROSENBERGER-60AS105-K03N1 Datasheet
156Kb / 2P
   ATTENUATOR PLUG/JACK
60AS105-K06N1 ROSENBERGER-60AS105-K06N1 Datasheet
158Kb / 2P
   ATTENUATOR PLUG/JACK
60AS105-K10N1 ROSENBERGER-60AS105-K10N1 Datasheet
157Kb / 2P
   ATTENUATOR PLUG/JACK
60AS105-K20N1 ROSENBERGER-60AS105-K20N1 Datasheet
159Kb / 2P
   ATTENUATOR PLUG/JACK
60AS105-K30N1 ROSENBERGER-60AS105-K30N1 Datasheet
158Kb / 2P
   ATTENUATOR PLUG/JACK
More results

Similar Description - 60AS105-K40N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60AS105-K03N1 ROSENBERGER-60AS105-K03N1 Datasheet
156Kb / 2P
   ATTENUATOR PLUG/JACK
60AS105-K20N1 ROSENBERGER-60AS105-K20N1 Datasheet
159Kb / 2P
   ATTENUATOR PLUG/JACK
60AS120-K30N1 ROSENBERGER-60AS120-K30N1 Datasheet
161Kb / 2P
   ATTENUATOR PLUG/JACK
03AS102-K03S3 ROSENBERGER-03AS102-K03S3 Datasheet
545Kb / 2P
   Attenuator Plug/Jack
05AS102-K03S3 ROSENBERGER-05AS102-K03S3 Datasheet
158Kb / 2P
   Attenuator Plug/Jack
60AS105-K30N1 ROSENBERGER-60AS105-K30N1 Datasheet
158Kb / 2P
   ATTENUATOR PLUG/JACK
60AS110-K20N1 ROSENBERGER-60AS110-K20N1 Datasheet
163Kb / 2P
   ATTENUATOR PLUG/JACK
60AS120-K03N1 ROSENBERGER-60AS120-K03N1 Datasheet
164Kb / 2P
   ATTENUATOR PLUG/JACK
60AS120-K10N1 ROSENBERGER-60AS120-K10N1 Datasheet
161Kb / 2P
   ATTENUATOR PLUG/JACK
60AS120-K20N1 ROSENBERGER-60AS120-K20N1 Datasheet
161Kb / 2P
   ATTENUATOR PLUG/JACK
03AS102-K30S3 ROSENBERGER-03AS102-K30S3 Datasheet
532Kb / 2P
   Attenuator plug/jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com