Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9470 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X9470
Description  RF Power Amplifier (PA) Bias Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9470 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X9470 Datasheet HTML 5Page - Xicor Inc. X9470 Datasheet HTML 6Page - Xicor Inc. X9470 Datasheet HTML 7Page - Xicor Inc. X9470 Datasheet HTML 8Page - Xicor Inc. X9470 Datasheet HTML 9Page - Xicor Inc. X9470 Datasheet HTML 10Page - Xicor Inc. X9470 Datasheet HTML 11Page - Xicor Inc. X9470 Datasheet HTML 12Page - Xicor Inc. X9470 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9 of 25
REV 11.16 3/20/03
www.xicor.com
Preliminary Information
X9470
Write Cycle Timing
Power Up Timing
Note:
Delays are measured from the time VCC is stable until the specified operation can be initiated. These parameters are not 100% tested.
Proper recall of stored wiper setting requires a VCC power-up ramp that is monotonic and with noise or glitches < 100mV. It is important
to correctly sequence voltages in an LDMOS amplifier circuit. For the X9470 typical application, the VCC, then V+ pins should be pow-
ered before the VDD of the LDMOS to prevent LDMOS damage. Under no circumstances should the VDD be applied to the LDMOS
device before VCC and V+ are applied to the X9470.
DCP Default Power-up Tap Positions (shipped from factory)
Nonvolatile Write Cycle Timing
Note:
tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It is
the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
Symbol
Parameter
Min.
Max.
Unit
tr VCC
(10)
VCC Power-up rate
0.2
50
V/ms
VREF DCP
0
Bias Adjust DCP
0
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
tWC
(10)
Write Cycle Time
5
10
ms
SCL
SDA
tWC
8th Bit of Last Byte
ACK
Stop
Condition
Start
Condition


Similar Part No. - X9470

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9470 INTERSIL-X9470 Datasheet
381Kb / 24P
   RF Power Amplifier (PA) Bias Controller
logo
Renesas Technology Corp
X9470 RENESAS-X9470 Datasheet
945Kb / 24P
   RF Power Amplifier (PA) Bias Controller
March 8, 2005
logo
Intersil Corporation
X9470V24I INTERSIL-X9470V24I Datasheet
381Kb / 24P
   RF Power Amplifier (PA) Bias Controller
logo
Renesas Technology Corp
X9470V24I RENESAS-X9470V24I Datasheet
945Kb / 24P
   RF Power Amplifier (PA) Bias Controller
March 8, 2005
More results

Similar Description - X9470

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9470 INTERSIL-X9470 Datasheet
381Kb / 24P
   RF Power Amplifier (PA) Bias Controller
logo
Renesas Technology Corp
X9470 RENESAS-X9470 Datasheet
945Kb / 24P
   RF Power Amplifier (PA) Bias Controller
March 8, 2005
logo
Maxim Integrated Produc...
DS1870 MAXIM-DS1870 Datasheet
816Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870 MAXIM-DS1870_06 Datasheet
372Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
logo
Micro Linear Corporatio...
ML2731 MICRO-LINEAR-ML2731 Datasheet
181Kb / 12P
   PA Bias Controller
logo
Vishay Siliconix
SI9160 VISHAY-SI9160 Datasheet
119Kb / 11P
   Controller for RF Power Amplifier Boost Converter
Rev. H, 19-Apr-04
logo
Maxim Integrated Produc...
MAX11008 MAXIM-MAX11008 Datasheet
708Kb / 67P
   Dual RF LDMOS Bias Controller with Nonvolatile Memory
Rev 0; 11/08
logo
Hitachi Semiconductor
BIC702C HITACHI-BIC702C Datasheet
74Kb / 11P
   Bias Controlled Monolithic IC VHF/UHF RF Amplifier
logo
Renesas Technology Corp
BIC702C RENESAS-BIC702C Datasheet
174Kb / 13P
   Bias Controlled Monolithic IC VHF/UHF RF Amplifier
BIC702M RENESAS-BIC702M Datasheet
174Kb / 13P
   Bias Controlled Monolithic IC VHF/UHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com