Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T490T227M010AG Datasheet(PDF) 7 Page - Kemet Corporation

Part # T490T227M010AG
Description  Tantalum Surface Mount Capacitors ??Standard Tantalum Commercial Grade MnO2
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T490T227M010AG Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T490T227M010AG Datasheet HTML 3Page - Kemet Corporation T490T227M010AG Datasheet HTML 4Page - Kemet Corporation T490T227M010AG Datasheet HTML 5Page - Kemet Corporation T490T227M010AG Datasheet HTML 6Page - Kemet Corporation T490T227M010AG Datasheet HTML 7Page - Kemet Corporation T490T227M010AG Datasheet HTML 8Page - Kemet Corporation T490T227M010AG Datasheet HTML 9Page - Kemet Corporation T490T227M010AG Datasheet HTML 10Page - Kemet Corporation T490T227M010AG Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2004_T490 • 9/22/2016
77
Tantalum Surface Mount Capacitors – Standard Tantalum
T490 Series Commercial Grade MnO2
Recommended Voltage Derating Guidelines
−55°Cto40°C
% Change in Working DC
Voltage with Temperature
100% of VR
VR
Recommended Maximum
Application Voltage
50% of VR
VR
40°C to 85°C
% Change in Working DC
Voltage with Temperature
50% of VR
VR
Recommended Maximum
Application Voltage
50% of VR
VR
85°C to 125°C
% Change in Working DC
Voltage with Temperature
20% of VR
VR
Recommended Maximum
Application Voltage
20% of VR
VR
Ripple Current/Ripple Voltage
Permissible AC ripple voltage and current are related to
equivalent series resistance (ESR) and the power dissipation
capabilities of the device. Permissible AC ripple voltage
which may be applied is limited by two criteria:
1. The positive peak AC voltage plus the DC bias voltage,
if any, must not exceed the DC voltage rating of the
capacitor.
2. The negative peak AC voltage in combination with
bias voltage, if any, must not exceed the allowable limits
specifiedforreversevoltage.SeetheReverseVoltage
section for allowable limits.
Themaximumpowerdissipationbycasesizecanbe
determined using the table at right. The maximum power
dissipation rating stated in the table must be reduced with
increasing environmental operating temperatures. Refer to
the table below for temperature compensation requirements.
Temperature Compensation Multipliers
for Maximum Ripple Current
T≤25°C
T≤40°C
T≤85°C
1.00
0.90
0.40
T= Environmental Temperature
The maximum power dissipation rating must be reduced with increasing
environmental operating temperatures. Refer to the Temperature
Compensation Multiplier table for details.
KEMET
Case Code
EIA
Case Code
Maximum Power
Dissipation (P max)
mWatts at 25°C
w/+20°C Rise
A
3216–18
75
B
3528–21
85
T
3528–12
70
Using the P max of the device, the maximum allowable rms
ripple current or voltage may be determined.
I(max) = √P max/R
E(max) = Z √P max/R
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
P max = maximum power dissipation (watts)
R = ESR at specified frequency (ohms)
Z = Impedance at specified frequency (ohms)
0%
20%
40%
60%
80%
100%
120%
−55
25
40
85
105
125
Temperature (°C)
50%
20%
% Change in Working DC
Voltage with Temperature
Recommended Maximum
Application Voltage


Similar Part No. - T490T227M010AG

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T490T107M006ATE1K0 KEMET-T490T107M006ATE1K0 Datasheet
67Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 100 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Low Profile, Consumer, 1 Ohms, Height Max = 1.2mm
T490T157M004ATE1K1 KEMET-T490T157M004ATE1K1 Datasheet
67Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 150 uF, 20%, 4 V, 3528, SMD, MnO2, Molded, Low Profile, Consumer, 1.1 Ohms, Height Max = 1.2mm
T490T476M006ATE800 KEMET-T490T476M006ATE800 Datasheet
67Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 47 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Low Profile, Consumer, 800 mOhms, Height Max = 1.2mm
T490T476M010ATE1K0 KEMET-T490T476M010ATE1K0 Datasheet
67Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 47 uF, 20%, 10 V, 3528, SMD, MnO2, Molded, Low Profile, Consumer, 1 Ohms, Height Max = 1.2mm
T490T686M006ATE600 KEMET-T490T686M006ATE600 Datasheet
67Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 68 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Low Profile, Consumer, 600 mOhms, Height Max = 1.2mm
More results

Similar Description - T490T227M010AG

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016AT7280 KEMET-T491B106K016AT7280 Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491B685K006AT KEMET-T491B685K006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491A106K010AG KEMET-T491A106K010AG Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A226M006AT KEMET-T491A226M006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A335K016AT KEMET-T491A335K016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491X477K006AT KEMET-T491X477K006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A336K010AT KEMET-T491A336K010AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X107M025AT KEMET-T491X107M025AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X686M025AT KEMET-T491X686M025AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491E476M035AH KEMET-T491E476M035AH Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com