Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV551-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV551-Q1
Description  3-MHz, Automotive Micropower RRO Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV551-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV551-Q1 Datasheet HTML 5Page - Texas Instruments LMV551-Q1 Datasheet HTML 6Page - Texas Instruments LMV551-Q1 Datasheet HTML 7Page - Texas Instruments LMV551-Q1 Datasheet HTML 8Page - Texas Instruments LMV551-Q1 Datasheet HTML 9Page - Texas Instruments LMV551-Q1 Datasheet HTML 10Page - Texas Instruments LMV551-Q1 Datasheet HTML 11Page - Texas Instruments LMV551-Q1 Datasheet HTML 12Page - Texas Instruments LMV551-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
2.7
3.4
4.1
4.8
5.5
VS (V)
-2
-1.5
-1
0
2
1
1.5
125qC
25qC
-40qC
-0.5
0.5
0
1
2
3
4
5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
VCM (V)
VS = 5V
-40qC
25qC
125qC
2.7
3.4
4.1
4.8
5.5
VS (V)
20
25
30
35
50
40
45
PER CHANNEL
125°C
25°C
-40°C
0
0.5
1
1.5
2
2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
VCM (V)
VS = 3V
-40qC
25qC
125qC
10
100
1k
10k
100k
0.001
0.01
0.1
FREQUENCY (Hz)
1
RL = 10 k:
RL = 100 k:
VS = 5V
AV = +2
VOUT = 2 VPP
10
100
1k
10k
100k
0.001
0.01
0.1
FREQUENCY (Hz)
1
RL = 10 k:
RL = 100 k:
VS = 3V
AV = +2
VOUT = 1 VPP
9
LMV551-Q1
www.ti.com
SNOSD24 – FEBRUARY 2017
Product Folder Links: LMV551-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. THD+N vs Amplitude
Figure 14. THD+N vs Amplitude
Figure 15. Supply Current vs Supply Voltage
Figure 16. VOS vs VCM
Figure 17. VOS vs VCM
Figure 18. VOS vs Supply Voltage


Similar Part No. - LMV551-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV551 NSC-LMV551 Datasheet
936Kb / 14P
   3 MHz, Micropower RRO Amplifiers
logo
Texas Instruments
LMV551 TI1-LMV551 Datasheet
1Mb / 27P
[Old version datasheet]   LMV551/LMV552/LMV554 3 MHz, Micropower RRO Amplifiers
logo
National Semiconductor ...
LMV551MF NSC-LMV551MF Datasheet
936Kb / 14P
   3 MHz, Micropower RRO Amplifiers
logo
Texas Instruments
LMV551MF/NOPB TI1-LMV551MF/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LMV551/LMV552/LMV554 3 MHz, Micropower RRO Amplifiers
logo
National Semiconductor ...
LMV551MFX NSC-LMV551MFX Datasheet
936Kb / 14P
   3 MHz, Micropower RRO Amplifiers
More results

Similar Description - LMV551-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV551 NSC-LMV551_08 Datasheet
936Kb / 14P
   3 MHz, Micropower RRO Amplifiers
logo
Texas Instruments
LMV551 TI-LMV551_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV551/LMV552/LMV554 3 MHz, Micropower RRO Amplifiers
LMV551 TI1-LMV551 Datasheet
1Mb / 27P
[Old version datasheet]   LMV551/LMV552/LMV554 3 MHz, Micropower RRO Amplifiers
logo
National Semiconductor ...
LMP2234 NSC-LMP2234 Datasheet
854Kb / 20P
   Micropower, Precision, RRO Amplifier with CMOS Input
logo
Texas Instruments
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV9352-Q1 TI-TLV9352-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9351-Q1 TI-TLV9351-Q1 Datasheet
3Mb / 48P
[Old version datasheet]   TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9351-Q1 TI-TLV9351-Q1_V02 Datasheet
3Mb / 53P
[Old version datasheet]   TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
SEPTEMBER 2021
TLV9351-Q1 TI1-TLV9351-Q1_V03 Datasheet
3Mb / 53P
[Old version datasheet]   TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier For Cost-Sensitive Systems
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com