Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T490B227M010AT Datasheet(PDF) 11 Page - Kemet Corporation

Part # T490B227M010AT
Description  Tantalum Surface Mount Capacitors ??Standard Tantalum Commercial Grade MnO2
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T490B227M010AT Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T490B227M010AT Datasheet HTML 7Page - Kemet Corporation T490B227M010AT Datasheet HTML 8Page - Kemet Corporation T490B227M010AT Datasheet HTML 9Page - Kemet Corporation T490B227M010AT Datasheet HTML 10Page - Kemet Corporation T490B227M010AT Datasheet HTML 11Page - Kemet Corporation T490B227M010AT Datasheet HTML 12Page - Kemet Corporation T490B227M010AT Datasheet HTML 13Page - Kemet Corporation T490B227M010AT Datasheet HTML 14Page - Kemet Corporation T490B227M010AT Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2004_T490 • 9/22/2016 11
11
Tantalum Surface Mount Capacitors – Standard Tantalum
T490 Series Commercial Grade MnO2
Tape & Reel Packaging Information
KEMET’smoldedchipcapacitorfamiliesarepackagedin8and12mmplastictapeon7"and13"reelsinaccordancewith
EIA Standard 481: Embossed Carrier Taping of Surface Mount Components for Automatic Handling. This packaging system
is compatible with all tape-fed automatic pick-and-place systems.
Table 3 – Packaging Quantity
Case Code
Tape Width
(mm)
7" Reel*
13" Reel*
KEMET
EIA
S
3216-12
8
2,500
10,000
T
3528-12
8
2,500
10,000
M
3528-15
8
2,000
8,000
U
6032-15
12
1,000
5,000
L
6032-19
12
1,000
3,000
W
7343-15
12
1,000
3,000
Z
7343-17
12
1,000
3,000
V
7343-20
12
1,000
3,000
A
3216-18
8
2,000
9,000
B
3528-21
8
2,000
8,000
C
6032-28
12
500
3,000
D
7343-31
12
500
2,500
Q
7343-12
12
1,000
3,000
Y
7343-40
12
500
2,000
X
7343-43
12
500
2,000
E/T428P
7360-38
12
500
2,000
H
7360-20
12
1,000
2,500
* No C-Spec required for 7" reel packaging. C-7280 required for 13" reel packaging.
Top Tape Thickness
0.10 mm (0.004")
Maximum Thickness
8 mm (0.315")
or
12 mm (0.472")
180 mm (7.0")
or
330 mm (13.0")


Similar Part No. - T490B227M010AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T490B227M004ATE500 KEMET-T490B227M004ATE500 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 220 uF, 20%, 4 V, 3528, SMD, MnO2, Molded, Consumer, 500 mOhms, Height Max = 2.1mm
T490B227M006ATE300 KEMET-T490B227M006ATE300 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 220 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Consumer, 300 mOhms, Height Max= 2.1mm
T490B227M006ATE500 KEMET-T490B227M006ATE500 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 220 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Consumer, 500 mOhms, Height Max = 2.1mm
More results

Similar Description - T490B227M010AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016AT7280 KEMET-T491B106K016AT7280 Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491B685K006AT KEMET-T491B685K006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491A106K010AG KEMET-T491A106K010AG Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A226M006AT KEMET-T491A226M006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A335K016AT KEMET-T491A335K016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491X477K006AT KEMET-T491X477K006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A336K010AT KEMET-T491A336K010AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X107M025AT KEMET-T491X107M025AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X686M025AT KEMET-T491X686M025AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491E476M035AH KEMET-T491E476M035AH Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com