Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T490T227M006AT Datasheet(PDF) 6 Page - Kemet Corporation

Part # T490T227M006AT
Description  Tantalum Surface Mount Capacitors ??Standard Tantalum Commercial Grade MnO2
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T490T227M006AT Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T490T227M006AT Datasheet HTML 2Page - Kemet Corporation T490T227M006AT Datasheet HTML 3Page - Kemet Corporation T490T227M006AT Datasheet HTML 4Page - Kemet Corporation T490T227M006AT Datasheet HTML 5Page - Kemet Corporation T490T227M006AT Datasheet HTML 6Page - Kemet Corporation T490T227M006AT Datasheet HTML 7Page - Kemet Corporation T490T227M006AT Datasheet HTML 8Page - Kemet Corporation T490T227M006AT Datasheet HTML 9Page - Kemet Corporation T490T227M006AT Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2004_T490 • 9/22/2016
66
Tantalum Surface Mount Capacitors – Standard Tantalum
T490 Series Commercial Grade MnO2
Table 1 – Ratings & Part Number Reference
Rated
Voltage
Rated
Capacitance
Case
Code/
Case Size
KEMET Part
Number
DC
Leakage
ESR
Maximum
Allowable
Ripple
Current
Maximum
Operating
Temp
MSL
VDC at 40ºC
µF
KEMET/EIA
(See below for
part options)
µA at +20ºC
Maximum/
5 Minutes
Ω at +20ºC
100 kHz
Maximum
mA at +25ºC
100 kHz
ºC
Reflow
Temp
≤ 260 ºC
4
100
A/3216-18
T490A107M004A(1)E500
4.0
0.5
387
40
1
4
150
A/3216-18
T490A157M004A(1)E800
6.0
0.8
306
40
1
4
150
T/3528-12
T490T157M004A(1)E1K1
6.0
1.1
252
40
1
4
220
B/3528-21
T490B227M004A(1)E500
8.8
0.5
412
40
1
4
330
B/3528-21
T490B337M004A(1)E800
13.2
0.8
326
40
1
4
470
B/3528-21
T490B477M004A(1)E1K0
18.8
1.0
291
40
1
6
47
T/3528-12
T490T476M006A(1)E800
2.8
0.8
295
40
1
6
68
A/3216-18
T490A686M006A(1)E1K0
4.1
1.0
274
40
1
6
68
T/3528-12
T490T686M006A(1)E600
4.1
0.6
342
40
1
6
100
A/3216-18
T490A107M006A(1)E500
6.0
0.5
387
40
1
6
100
A/3216-18
T490A107M006A(1)E800
6.0
0.8
306
40
1
6
100
T/3528-12
T490T107M006A(1)E1K0
6.0
1.0
265
40
1
6
150
B/3528-21
T490B157M006A(1)E500
9.0
0.5
412
40
1
6
150
B/3528-21
T490B157M006A(1)E800
9.0
0.8
326
40
1
6
220
B/3528-21
T490B227M006A(1)E300
13.2
0.3
532
40
1
6
220
B/3528-21
T490B227M006A(1)E500
13.2
0.5
412
40
1
6
330
B/3528-21
T490B337M006A(1)E800
19.8
0.8
326
40
1
10
47
T/3528-12
T490T476M010A(1)E1K0
4.7
1.0
265
40
1
10
47
A/3216-18
T490A476M010A(1)E1K0
4.7
1.0
274
40
1
10
150
B/3528-21
T490B157M010A(1)E500
15.0
0.5
412
40
1
10
150
B/3528-21
T490B157M010A(1)E800
15.0
0.8
326
40
1
10
220
B/3528-21
T490B227M010A(1)E800
22.0
0.8
326
40
1
VDC at 40ºC
µF
KEMET/EIA
(See below for
part options)
µA at +20ºC
Maximum/
5 Minutes
Ω at +20ºC
100 kHz
Maximum
mA at +25ºC
100 kHz
ºC
Reflow
Temp
≤ 260 ºC
Rated
Voltage
Rated
Capacitance
Case Code/
Case Size
KEMET Part Number
DC
Leakage
ESR
Maximum
Allowable
Ripple Current
Maximum
Operating Temp
MSL
(1) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum).
Designates termination finish.
Blue color text denotes "Under Development"
Refer to Ordering Information for additional detail.
The ESR value may increase up to 1.5 x Initial Limit post mounting
The DCL value may increase up to 2.0 x Initial Limit post mounting
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will
be marked with the higher voltage rating. Substitutions can include better than series.


Similar Part No. - T490T227M006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T490T107M006ATE1K0 KEMET-T490T107M006ATE1K0 Datasheet
67Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 100 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Low Profile, Consumer, 1 Ohms, Height Max = 1.2mm
T490T157M004ATE1K1 KEMET-T490T157M004ATE1K1 Datasheet
67Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 150 uF, 20%, 4 V, 3528, SMD, MnO2, Molded, Low Profile, Consumer, 1.1 Ohms, Height Max = 1.2mm
T490T476M006ATE800 KEMET-T490T476M006ATE800 Datasheet
67Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 47 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Low Profile, Consumer, 800 mOhms, Height Max = 1.2mm
T490T476M010ATE1K0 KEMET-T490T476M010ATE1K0 Datasheet
67Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 47 uF, 20%, 10 V, 3528, SMD, MnO2, Molded, Low Profile, Consumer, 1 Ohms, Height Max = 1.2mm
T490T686M006ATE600 KEMET-T490T686M006ATE600 Datasheet
67Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 68 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Low Profile, Consumer, 600 mOhms, Height Max = 1.2mm
More results

Similar Description - T490T227M006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016AT7280 KEMET-T491B106K016AT7280 Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491B685K006AT KEMET-T491B685K006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491A106K010AG KEMET-T491A106K010AG Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A226M006AT KEMET-T491A226M006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A335K016AT KEMET-T491A335K016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491X477K006AT KEMET-T491X477K006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A336K010AT KEMET-T491A336K010AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X107M025AT KEMET-T491X107M025AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X686M025AT KEMET-T491X686M025AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491E476M035AH KEMET-T491E476M035AH Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com