Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T490B227M006AT Datasheet(PDF) 1 Page - Kemet Corporation

Part # T490B227M006AT
Description  Tantalum Surface Mount Capacitors ??Standard Tantalum Commercial Grade MnO2
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T490B227M006AT Datasheet(HTML) 1 Page - Kemet Corporation

  T490B227M006AT Datasheet HTML 1Page - Kemet Corporation T490B227M006AT Datasheet HTML 2Page - Kemet Corporation T490B227M006AT Datasheet HTML 3Page - Kemet Corporation T490B227M006AT Datasheet HTML 4Page - Kemet Corporation T490B227M006AT Datasheet HTML 5Page - Kemet Corporation T490B227M006AT Datasheet HTML 6Page - Kemet Corporation T490B227M006AT Datasheet HTML 7Page - Kemet Corporation T490B227M006AT Datasheet HTML 8Page - Kemet Corporation T490B227M006AT Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2004_T490 • 9/22/2016
1
One world. One KEMET
Benefits
• Taped and reeled per EIA 481
• Symmetrical compliant terminations
• Optional gold-plated terminations
• Laser-marked case
• Suitablefor3x260°Creflowpasses
• Halogen-free epoxy
• Capacitancevaluesof47μFto470μF
• Tolerance of ±20%
• Voltage rating of 4 – 10 VDC
• 0.2% per 1,000 hours at 85°C 0.5 V
R Reliability
• Smallandlowprofilecasesizes
• RoHS Compliant and lead-free terminations
• MSLReflowTemp≤260°C=1
• Operatingtemperaturerangeof−55°Cto+40°C
Overview
The KEMET T490 Series, designed for customer product
applications (low temperature demanding applications),
meets RoHS compliance with leads constructed of 100%
matte tin and green molding compound. This series is
classifiedasMSL(MoistureSensitivityLevel)1underJSTD
020:unlimitedfloorlifetimeat≤30°C/85%RH.
Tin/lead (Sn/Pb) terminations are available upon request for
any part number. Gold-plated terminations are also available
for use with conductive epoxy attachment processes.
Standard packaging of these devices is tape and reel in
accordance with EIA 481. This system provides perfect
compatibility with all tape-fed placement units.
Tantalum Surface Mount Capacitors – Standard Tantalum
T490 Series Commercial Grade MnO
2
Environmental Compliance
RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder.
Applications
Typicalapplicationsincludedecouplingandfilteringincommunicationsendapplicationssuchascellphonesandconsumer
mobile.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - T490B227M006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T490B227M006ATE300 KEMET-T490B227M006ATE300 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 220 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Consumer, 300 mOhms, Height Max= 2.1mm
T490B227M006ATE500 KEMET-T490B227M006ATE500 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 220 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Consumer, 500 mOhms, Height Max = 2.1mm
More results

Similar Description - T490B227M006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016AT7280 KEMET-T491B106K016AT7280 Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491B685K006AT KEMET-T491B685K006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491A106K010AG KEMET-T491A106K010AG Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A226M006AT KEMET-T491A226M006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A335K016AT KEMET-T491A335K016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491X477K006AT KEMET-T491X477K006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A336K010AT KEMET-T491A336K010AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X107M025AT KEMET-T491X107M025AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X686M025AT KEMET-T491X686M025AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491E476M035AH KEMET-T491E476M035AH Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com