Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN6A09G Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXMN6A09G
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN6A09G Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXMN6A09G Datasheet HTML 1Page - Zetex Semiconductors ZXMN6A09G Datasheet HTML 2Page - Zetex Semiconductors ZXMN6A09G Datasheet HTML 3Page - Zetex Semiconductors ZXMN6A09G Datasheet HTML 4Page - Zetex Semiconductors ZXMN6A09G Datasheet HTML 5Page - Zetex Semiconductors ZXMN6A09G Datasheet HTML 6Page - Zetex Semiconductors ZXMN6A09G Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMN6A09G
SEMICO NDUC TORS
PROVISIONAL ISSUE D - SEPTEMBER 2003
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)(d)
RθJA
62.5
°C/W
Junction to Ambient
(b)(d)
RθJA
32.2
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
(c) Repetitive rating 25mm x 25mm FR4 PCB, D=0.02 pulse width=300µs - pulse width limited by maximum junction temperature.
THERMAL RESISTANCE
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
60
V
Gate Source Voltage
VGS
20
V
Continuous Drain Current (VGS=10V; TA=25°C)
(b)
(VGS=10V; TA=70°C)
(b)
(VGS=10V; TA=25°C)
(a)
ID
6.9
5.6
5.0
A
Pulsed Drain Current
(c)
IDM
30.6
A
Continuous Source Current (Body Diode)
(b)
IS
3.5
A
Pulsed Source Current (Body Diode)
(c)
ISM
30.6
A
Power Dissipation at TA=25°C
(a)(d)
Linear Derating Factor
PD
2.0
16
W
mW/°C
Power Dissipation at TA=25°C
(b)(d)
Linear Derating Factor
PD
3.9
31
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C


Similar Part No. - ZXMN6A09G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09G ZETEX-ZXMN6A09G Datasheet
525Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A09G DIODES-ZXMN6A09G Datasheet
564Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A09GTA ZETEX-ZXMN6A09GTA Datasheet
525Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A09GTA DIODES-ZXMN6A09GTA Datasheet
564Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
logo
VBsemi Electronics Co.,...
ZXMN6A09GTA VBSEMI-ZXMN6A09GTA Datasheet
1,011Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - ZXMN6A09G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com