Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210X106J3RAC3316 Datasheet(PDF) 5 Page - Kemet Corporation

Part # C1210X106J3RAC3316
Description  Flexible Termination System (FT-CAP), X7R Dielectric, 6.3-100 VDC, VW 80808 Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210X106J3RAC3316 Datasheet(HTML) 5 Page - Kemet Corporation

  C1210X106J3RAC3316 Datasheet HTML 1Page - Kemet Corporation C1210X106J3RAC3316 Datasheet HTML 2Page - Kemet Corporation C1210X106J3RAC3316 Datasheet HTML 3Page - Kemet Corporation C1210X106J3RAC3316 Datasheet HTML 4Page - Kemet Corporation C1210X106J3RAC3316 Datasheet HTML 5Page - Kemet Corporation C1210X106J3RAC3316 Datasheet HTML 6Page - Kemet Corporation C1210X106J3RAC3316 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
Special_VW/AUDI • 1/26/2016
Surface Mount Multilayer Ceramic Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 – 100 VDC, VW 80808 specification
Table 2 – Chip Thickness/Tape & Reel Packaging Quantities cont'd
Thickness
Code
Case
Size
Thickness ±
Range (mm)
Paper Quantity1
Plastic Quantity
7" Reel
13" Reel
7" Reel
13" Reel
FX
1210
0.95 ± 0.20
4000
10000
FE
1210
1.00 ± 0.10
2500
10000
FF
1210
1.10 ± 0.10
2500
10000
FA
1210
1.10 ± 0.15
2500
10000
FG
1210
1.25 ± 0.15
2500
10000
FZ
1210
1.25 ± 0.20
2500
10000
FL
1210
1.40 ± 0.15
2000
8000
FO
1210
1.50 ± 0.20
2000
8000
FH
1210
1.55 ± 0.15
2000
8000
FU
1210
1.55 ± 0.20
2000
8000
FP
1210
1.60 ± 0.20
2000
8000
FM
1210
1.70 ± 0.20
2000
8000
FJ
1210
1.85 ± 0.20
2000
8000
FT
1210
1.90 ± 0.20
1500
4000
FY
1210
2.00 ± 0.20
2000
8000
FK
1210
2.10 ± 0.20
2000
8000
FR
1210
2.25 ± 0.20
2000
8000
FS
1210
2.50 ± 0.30
1000
4000
FV
1210
3.35 ± 0.10
600
2000
FW
1210
6.15 ± 0.15
300
1000
Thickness
Code
Case
Size
Thickness ±
Range (mm)
7" Reel
13" Reel
7" Reel
13" Reel
Paper Quantity1
Plastic Quantity


Similar Part No. - C1210X106J3RAC3316

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210X106J3RACAUTO KEMET-C1210X106J3RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210X106J3RACTU KEMET-C1210X106J3RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
More results

Similar Description - C1210X106J3RAC3316

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1206X104J3JACTU KEMET-C1206X104J3JACTU Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU Datasheet
1Mb / 22P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU_17 Datasheet
1Mb / 21P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com