Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8323RSRGZT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8323RSRGZT
Description  6 to 60-V Three-Phase Smart Gate Driver
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8323RSRGZT Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8323RSRGZT Datasheet HTML 5Page - Texas Instruments DRV8323RSRGZT Datasheet HTML 6Page - Texas Instruments DRV8323RSRGZT Datasheet HTML 7Page - Texas Instruments DRV8323RSRGZT Datasheet HTML 8Page - Texas Instruments DRV8323RSRGZT Datasheet HTML 9Page - Texas Instruments DRV8323RSRGZT Datasheet HTML 10Page - Texas Instruments DRV8323RSRGZT Datasheet HTML 11Page - Texas Instruments DRV8323RSRGZT Datasheet HTML 12Page - Texas Instruments DRV8323RSRGZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
9
DRV8320, DRV8320R
DRV8323, DRV8323R
www.ti.com
SLVSDJ3 – FEBRUARY 2017
Product Folder Links: DRV8320 DRV8320R DRV8323 DRV8323R
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Continuous high-side gate pin (GHx) and phase node pin voltage (SHx) should be limited to –2 V minimum for an absolute maximum of
65 V on VM. At 60 V and below, the full specification of –5 V continuous on GHx and SHx is allowable.
7 Specifications
7.1 Absolute Maximum Ratings
at TA = –40°C to +125°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
GATE DRIVER
Power supply pin voltage (VM)
–0.3
65
V
Voltage differential between ground pins (AGND, BGND, DGND, PGND)
–0.3
0.3
V
MOSFET drain sense pin voltage (VDRAIN)
–0.3
65
V
Charge pump pin voltage (CPH, VCP)
–0.3
VVM + 13.5
V
Charge-pump negative-switching pin voltage (CPL)
–0.3
VVM
V
Internal logic regulator pin voltage (DVDD)
–0.3
3.8
V
Digital pin voltage (CAL, ENABLE, GAIN, IDRIVE, INHx, INLx, MODE, nFAULT, nSCS,
SCLK, SDI, SDO, VDS)
–0.3
5.75
V
Continuous high-side gate drive pin voltage (GHx)
–5(2)
VVCP + 0.5
V
Transient 200-ns high-side gate drive pin voltage (GHx)
–7
VVCP + 0.5
V
High-side gate drive pin voltage with respect to SHx (GHx)
–0.3
13.5
V
Continuous high-side source sense pin voltage (SHx)
–5(2)
VVM + 5
V
Transient 200-ns high-side source sense pin voltage (SHx)
–7
VVM + 7
V
Continuous low-side gate drive pin voltage (GLx)
–0.5
13.5
V
Gate drive pin source current (GHx, GLx)
Internally limited
A
Gate drive pin sink current (GHx, GLx)
Internally limited
A
Continuous low-side source sense pin voltage (SLx)
–1
1
V
Transient 200-ns low-side source sense pin voltage (SLx)
–3
3
V
Continuous shunt amplifier input pin voltage (SNx, SPx)
–1
1
V
Transient 200-ns shunt amplifier input pin voltage (SNx, SPx)
–3
3
V
Reference input pin voltage (VREF)
–0.3
5.75
V
Shunt amplifier output pin voltage (SOx)
–0.3
VVREF + 0.3
V
BUCK REGULATOR
Power supply pin voltage (VIN)
–0.3
65
V
Shutdown control pin voltage (nSHDN)
–0.3
VVIN
V
Voltage feedback pin voltage (FB)
–0.3
7
V
Bootstrap pin voltage with respect to SW (CB)
–0.3
7
V
Switching node pin voltage (SW)
–0.3
VVIN
V
Switching node pin voltage less than 30-ns transients (SW)
–2
VVIN
V
DRV832x
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as ±2000
V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ±500 V
may actually have higher performance.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000


Similar Part No. - DRV8323RSRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8323RSRGZT TI1-DRV8323RSRGZT Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
More results

Similar Description - DRV8323RSRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353M TI-DRV8353M Datasheet
3Mb / 76P
[Old version datasheet]   DRV8353M 100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8343-Q1 TI1-DRV8343-Q1 Datasheet
1,007Kb / 83P
[Old version datasheet]   Automotive 5.5 to 60-V Three-Phase Smart Gate Driver With Three Integrated Current Shunt Amplifiers
DRV8329 TI-DRV8329_V01 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8328 TI-DRV8328_V01 Datasheet
3Mb / 51P
[Old version datasheet]   DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
FEBRUARY 2022
DRV8329 TI-DRV8329 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com