Electronic Components Datasheet Search |
|
DRV8323RSRGZT Datasheet(PDF) 3 Page - Texas Instruments |
|
|
DRV8323RSRGZT Datasheet(HTML) 3 Page - Texas Instruments |
3 / 80 page 1 CPH 24 DVDD 2 VCP 23 AGND 3 VM 22 ENABLE 4 VDRAIN 21 nSCS 5 GHA 20 SCLK 6 SHA 19 SDI 7 GLA 18 SDO 8 SLA 17 nFAULT Not to scale Thermal Pad 1 CPH 24 DVDD 2 VCP 23 AGND 3 VM 22 ENABLE 4 VDRAIN 21 NC 5 GHA 20 VDS 6 SHA 19 IDRIVE 7 GLA 18 MODE 8 SLA 17 nFAULT Not to scale Thermal Pad 3 DRV8320, DRV8320R DRV8323, DRV8323R www.ti.com SLVSDJ3 – FEBRUARY 2017 Product Folder Links: DRV8320 DRV8320R DRV8323 DRV8323R Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 5 Device Comparison Table DEVICE VARIANT SHUNT AMPLIFIERS BUCK REGULATOR INTERFACE DRV8320 DRV8320H 0 None Hardware (H) DRV8320S SPI (S) DRV8320RH DRV8320RH 600 mA (R) Hardware (H) DRV8320RS SPI (S) DRV8323H DRV8323H 3 None Hardware (H) DRV8323S SPI (S) DRV8323RH DRV8323RH 600 mA (R) Hardware (H) DRV8323RS SPI (S) 6 Pin Configuration and Functions DRV8320H RTV Package 32-Pin WQFN With Exposed Thermal Pad Top View DRV8320S RTV Package 32-Pin WQFN With Exposed Thermal Pad Top View (1) PWR = power, I = input, O = output, NC = no connection, OD = open-drain Pin Functions—32-Pin DRV8320 Devices PIN TYPE (1) DESCRIPTION NAME NO. DRV8320H DRV8320S AGND 23 23 PWR Device analog ground. Connect to system ground. CPH 1 1 PWR Charge pump switching node. Connect a X5R or X7R, 47-nF, VM-rated ceramic capacitor between the CPH and CPL pins. CPL 32 32 PWR Charge pump switching node. Connect a X5R or X7R, 47-nF, VM-rated ceramic capacitor between the CPH and CPL pins. DVDD 24 24 PWR 3.3-V internal regulator output. Connect a X5R or X7R, 1-µF, 6.3-V ceramic capacitor between the DVDD and AGND pins. This regulator can source up to 30 mA externally. ENABLE 22 22 I Gate driver enable. When this pin is logic low the device enters a low power sleep mode. An 8 to 40-µs pulse can be used to reset fault conditions. GHA 5 5 O High-side gate driver output. Connect to the gate of the high-side power MOSFET. GHB 12 12 O High-side gate driver output. Connect to the gate of the high-side power MOSFET. GHC 13 13 O High-side gate driver output. Connect to the gate of the high-side power MOSFET. GLA 7 7 O Low-side gate driver output. Connect to the gate of the low-side power MOSFET. GLB 10 10 O Low-side gate driver output. Connect to the gate of the low-side power MOSFET. |
Similar Part No. - DRV8323RSRGZT |
|
Similar Description - DRV8323RSRGZT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |