Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8320R Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8320R
Description  6 to 60-V Three-Phase Smart Gate Driver
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8320R Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8320R Datasheet HTML 6Page - Texas Instruments DRV8320R Datasheet HTML 7Page - Texas Instruments DRV8320R Datasheet HTML 8Page - Texas Instruments DRV8320R Datasheet HTML 9Page - Texas Instruments DRV8320R Datasheet HTML 10Page - Texas Instruments DRV8320R Datasheet HTML 11Page - Texas Instruments DRV8320R Datasheet HTML 12Page - Texas Instruments DRV8320R Datasheet HTML 13Page - Texas Instruments DRV8320R Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
10
DRV8320, DRV8320R
DRV8323, DRV8323R
SLVSDJ3 – FEBRUARY 2017
www.ti.com
Product Folder Links: DRV8320 DRV8320R DRV8323 DRV8323R
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Power dissipation and thermal limits must be observed
7.3 Recommended Operating Conditions
at TA = –40°C to +125°C (unless otherwise noted)
MIN
MAX
UNIT
GATE DRIVER
VVM
Power supply voltage (VM)
6
60
V
VI
Input voltage (CAL, ENABLE, GAIN, IDRIVE, INHx, INLx, MODE, nSCS,
SCLK, SDI, VDS)
0
5.5
V
fPWM
Applied PWM signal (INHx, INLx)
0
200(1)
kHz
IGATE_HS
High-side average gate-drive current (GHx)
0
25(1)
mA
IGATE_LS
Low-side average gate-drive current (GLx)
0
25(1)
mA
IDVDD
External load current (DVDD)
0
30(1)
mA
VVREF
Reference voltage input (VREF)
3
5.5
V
ISO
Shunt amplifier output current (SOx)
0
5
mA
VOD
Open drain pullup voltage (nFAULT, SDO)
0
5.5
V
IOD
Open drain output current (nFAULT, SDO)
0
5
mA
BUCK REGULATOR
VVIN
Power supply voltage (VIN)
4
60
V
VnSHDN
Shutdown control input voltage (nSHDN)
0
60
V
DRV832x
TA
Operating ambient temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
DRV832x
UNIT
RTV
(WQFN)
RHA
(VQFN)
RTA
(WQFN)
RGZ
(VQFN)
32 PINS
40 PINS
40 PINS
48 PINS
RθJA
Junction-to-ambient thermal resistance
32.9
30.1
32.1
26.6
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
15.8
16.7
11
13.9
°C/W
RθJB
Junction-to-board thermal resistance
6.8
9.9
7.1
9.2
°C/W
ψJT
Junction-to-top characterization parameter
0.2
0.5
0.1
0.3
°C/W
ψJB
Junction-to-board characterization parameter
6.8
9.9
7.1
9.1
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
2.1
2.2
2.1
2
°C/W


Similar Part No. - DRV8320R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320R TI1-DRV8320R Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320RHRHAR TI1-DRV8320RHRHAR Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320RHRHAT TI1-DRV8320RHRHAT Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320RSRHAR TI1-DRV8320RSRHAR Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320RSRHAT TI1-DRV8320RSRHAT Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
More results

Similar Description - DRV8320R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353M TI-DRV8353M Datasheet
3Mb / 76P
[Old version datasheet]   DRV8353M 100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8343-Q1 TI1-DRV8343-Q1 Datasheet
1,007Kb / 83P
[Old version datasheet]   Automotive 5.5 to 60-V Three-Phase Smart Gate Driver With Three Integrated Current Shunt Amplifiers
DRV8329 TI-DRV8329_V01 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8328 TI-DRV8328_V01 Datasheet
3Mb / 51P
[Old version datasheet]   DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
FEBRUARY 2022
DRV8329 TI-DRV8329 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com