Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS250DF210ABMR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS250DF210ABMR
Description  25-Gbps Multi-Rate 2-Channel Retimer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS250DF210ABMR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS250DF210ABMR Datasheet HTML 4Page - Texas Instruments DS250DF210ABMR Datasheet HTML 5Page - Texas Instruments DS250DF210ABMR Datasheet HTML 6Page - Texas Instruments DS250DF210ABMR Datasheet HTML 7Page - Texas Instruments DS250DF210ABMR Datasheet HTML 8Page - Texas Instruments DS250DF210ABMR Datasheet HTML 9Page - Texas Instruments DS250DF210ABMR Datasheet HTML 10Page - Texas Instruments DS250DF210ABMR Datasheet HTML 11Page - Texas Instruments DS250DF210ABMR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
101X (
)
0.28
(0.5) TYP
(0.5) TYP
(
)
METAL
0.28
0.05 MAX
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(
)
SOLDER MASK
OPENING
0.28
0.05 MIN
FCBGA - 1.03 mm max height
ABM0101A
PLASTIC BALL GRID ARRAY
4222100/B 09/2015
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For information, see Texas Instruments literature number SPRAA99 (www.ti.com/lit/spraa99).
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:15X
1
2
3
4
5
6
7
8
9
10
11
A
C
D
E
F
G
H
J
K
L
B
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
NOT TO SCALE
SOLDER MASK
DEFINED


Similar Part No. - DS250DF210ABMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230 TI-DS250DF230 Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230RTVR TI-DS250DF230RTVR Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230RTVT TI-DS250DF230RTVT Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230ZLSR TI1-DS250DF230ZLSR Datasheet
274Kb / 11P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
More results

Similar Description - DS250DF210ABMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230 TI-DS250DF230_V01 Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
[Old version datasheet]   25 Gbps Multi-Rate 4-Channel Retimer
DS250DF810 TI1-DS250DF810 Datasheet
899Kb / 12P
[Old version datasheet]   25 Gbps Multi-Rate 8-Channel Retimer
DS280DF810 TI1-DS280DF810 Datasheet
332Kb / 11P
[Old version datasheet]   28 Gbps Multi-Rate 8-Channel Retimer
DS280DF810 TI1-DS280DF810_V01 Datasheet
2Mb / 51P
[Old version datasheet]   DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
DS560DF410 TI-DS560DF410 Datasheet
553Kb / 9P
[Old version datasheet]   DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint
MARCH 2023
DS560DF810 TI-DS560DF810 Datasheet
647Kb / 12P
[Old version datasheet]   DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
REVISED DECEMBER 2022
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com