Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WJ1051CC109VDC.45 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # WJ1051CC109VDC.45
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ1051CC109VDC.45 Datasheet(HTML) 1 Page - CIT Relay & Switch

  WJ1051CC109VDC.45 Datasheet HTML 1Page - CIT Relay & Switch WJ1051CC109VDC.45 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
Switching capacity up to 10A
Small size and light weight
Low coil power consumption
High contact load
E197852
18.2 x 10.6 x 14.7 mm
CONTACT DATA
Contact Arrangement
1A = SPST N.O
1C = SPDT
Contact Rating
4.2A @ 277VAC; 5A @ 250VAC
10A @ 125VAC Resistive
¼ hp, 120/250/277VAC
TV-5, 120VAC; Pilot Duty: C150
Contact Resistance
< 50 milliohms initial
Contact Material
AgCdO
Maximum Switching Power
150W 1250VA
Maximum Switching Voltage
277VAC, 30VDC
Maximum Switching Current
10A
COIL DATA
Coil Voltage
VDC
Coil Resistance
Ω ± 10%
Rated
Max.
.20W
.45W
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
3
3.9
45
20
2.25
0.3
5
6.5
125
55
3.75
0.5
6
7.8
180
80
4.50
0.6
9
11.7
400
180
6.75
0.9
12
15.6
720
320
9.00
1.2
18
22.8
1620
720
13.50
1.8
24
31.2
2800
1280
18.00
2.4
48
62.4
11520
5120
36.00
4.8
.20
.45
10
10
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
10M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
1000V rms min. @ sea level
4000V rms min. @ sea level
Shock Resistance
100m/s
2 for 11ms
Vibration Resistance
1.50mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
9.5g
WJ105


Similar Part No. - WJ1051CC109VDC.45

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ105E CIT-WJ105E Datasheet
163Kb / 2P
   CIT SWITCH
WJ105E1A12VDC.20 CIT-WJ105E1A12VDC.20 Datasheet
163Kb / 2P
   CIT SWITCH
WJ105E1A12VDC.45 CIT-WJ105E1A12VDC.45 Datasheet
163Kb / 2P
   CIT SWITCH
WJ105E1A24VDC.20 CIT-WJ105E1A24VDC.20 Datasheet
163Kb / 2P
   CIT SWITCH
WJ105E1A24VDC.45 CIT-WJ105E1A24VDC.45 Datasheet
163Kb / 2P
   CIT SWITCH
More results

Similar Description - WJ1051CC109VDC.45

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com