Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPSPLT Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # IPSPLT
Description  IP Fire Alarm Communicator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

IPSPLT Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  IPSPLT Datasheet HTML 1Page - Gamewell-FCI by Honeywell IPSPLT Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60504 Rev. E page 2 of 2
www.gamewell-fci.com
Programming Options:
To configure the IPDACT-2, the following three (3) options
are available:
Use a HyperTerminal or TeraTerm software program
Local or Remote Telnet session via an Ethernet
connection.
Windows®-based configuration software (shipped with
the IP Communicator).
Note: It is possible to pre-program the IP Communicator at
the panel before the installation. To pre-program the IP
Communicator, the following is done:
1.
An auto-registration password is entered (along with
all other Central Station information) and saved in the
unit's flash memory.
2.
When the IP Communicator is installed at the site and
connected to the Internet/Intranet, it auto-registers
with the Central Station receiver.
3.
This feature eliminates the need to program from a PC
at the remote site.
4.
The IP Receiver at the monitoring station will automat-
ically configure other parameters during registration.
For most installations, the only parameters required are as
follows:
Selection of either DHCP or Static IP
Destination primary and secondary receiver IP
addresses
Account identification number (CID)
Port number
Installation password
Installation Requirements
To install the IDPDACT-2, the following criteria are
required:
Mounted locally next to the supported fire alarm control
panel.
The Central Station must be equipped with a compatible
VisorALARM PLUS™ IP receiver
At least 136mA of electrical power available from the
power supply to use for the IPDACT-2 unit.
Ethernet network connection (ITE-listed router/gate-
way).
It is recommended to use a small UPS, to provide
backup power for customer-provided router/switch/
modem.
Dynamic or static IP address (dynamic addressing
requires DHCP server present on the local network.
Note: DSL and cable modems typically use dynamic
addressing as supplied by network providers).
UDP port for IP communication with the monitoring sta-
tion (default port: 80 may be changed by the Central
Station).
Destination IP addresses of the IP receivers where the
IP Communicator will be sending alarms and other
events (If installed on a private Intranet, the gateway
address of the public router will be required to allow the
IP card to access the Internet and the public router at
the Central Station).
Panel account ID number (CID).
Installer password (provided by the monitoring station
managing the IP receiver).
Specifications
Operating Voltage:
24VDC
Operating Temperature:
Not to exceed the range of
32°C to 120°C (0 to 49°C)
Relativity Humidity:
Not to exceed 93% non-con-
densing at 90°F (32°C)
Ordering Information
Part Number Description
IPDACT-2
IP communicator. Includes configuration
software, manuals, and prepared 30" tele-
phone cable for connection to panel's
DACT telco ports.
IPENC
External mounting enclosure consisting of
mounting bracket IPBRKT, and screws.
Enclosure must be "close-nipple" to a
panel no further than 6 in.
(15 cm) via
conduit. (Red)
IPSPLT
Y adapter option to allow connection of
both panel dialer outputs to one cable
input to IPDACT.
Note: The IPSPLT is not required if the second dialer out-
put is used for the phone backup.
ALMSC119
Serial programming cable and DB9
adapter.
VisorALARM-
PLUS
IP Receiver with LCD display and keypad


Similar Part No. - IPSPLT

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
IPS CYNERGY3-IPS Datasheet
66Kb / 2P
   Industrial Pressure Transducer - Ceramic
logo
Level One
IPS-0008 LVL1-IPS-0008 Datasheet
306Kb / 3P
   LevelOne IPS-0008 provides users with the
logo
ORing Industrial Networ...
IPS-1042FA ORING-IPS-1042FA Datasheet
1Mb / 4P
   Industrial 6-port slim type unmanaged PoE Ethernet switch
IPS-1042FA-MM-SC ORING-IPS-1042FA-MM-SC Datasheet
1Mb / 4P
   Industrial 6-port slim type unmanaged PoE Ethernet switch
IPS-1042FA-SS-SC ORING-IPS-1042FA-SS-SC Datasheet
1Mb / 4P
   Industrial 6-port slim type unmanaged PoE Ethernet switch
More results

Similar Description - IPSPLT

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
190-90010 GAMEWELL-FCI-190-90010 Datasheet
61Kb / 1P
   ALARM COMMUNICATOR TRANSMITTER
DACT-E3 GAMEWELL-FCI-DACT-E3 Datasheet
60Kb / 1P
   Digital alarm communicator transmitter
DACT-E3 GAMEWELL-FCI-DACT-E3_15 Datasheet
63Kb / 1P
   Digital Alarm Communicator Transmitter
411UDAC GAMEWELL-FCI-411UDAC Datasheet
186Kb / 4P
   Digital Alarm Communicator Transmitter
411 GAMEWELL-FCI-411 Datasheet
175Kb / 4P
   Slave Digital Alarm Communicator Transmitter
26308 GAMEWELL-FCI-26308 Datasheet
120Kb / 1P
   Fire Alarm Box Pedestal
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
logo
General Cable Technolog...
C0472 GENERAL-C0472 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0486 GENERAL-C0486 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0496 GENERAL-C0496 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com