Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1304M25-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1304M25-Q1
Description  High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1304M25-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC1304M25-Q1 Datasheet HTML 5Page - Texas Instruments AMC1304M25-Q1 Datasheet HTML 6Page - Texas Instruments AMC1304M25-Q1 Datasheet HTML 7Page - Texas Instruments AMC1304M25-Q1 Datasheet HTML 8Page - Texas Instruments AMC1304M25-Q1 Datasheet HTML 9Page - Texas Instruments AMC1304M25-Q1 Datasheet HTML 10Page - Texas Instruments AMC1304M25-Q1 Datasheet HTML 11Page - Texas Instruments AMC1304M25-Q1 Datasheet HTML 12Page - Texas Instruments AMC1304M25-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
AMC1304L05-Q1, AMC1304L25-Q1, AMC1304M05-Q1, AMC1304M25-Q1
www.ti.com
SBAS799 – FEBRUARY 2017
Product Folder Links: AMC1304L05-Q1 AMC1304L25-Q1 AMC1304M05-Q1 AMC1304M25-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: AMC1304x05-Q1 (continued)
All minimum and maximum specifications are at TA = –40°C to 125°C, LDOIN = 4.0 V to 18.0 V, DVDD = 3.0 V to 5.5 V,
AINP = –50 mV to 50 mV, AINN = 0 V, and sinc
3 filter with OSR = 256, unless otherwise noted. Typical values are at T
A =
25°C, CLKIN = 20 MHz, LDOIN = 15.0 V, and DVDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
For further information on electrical characteristics of LVDS interface circuits, see the TIA-644-A standard and design note Interface
Circuits for TIA/EIA-644 (LVDS).
CMOS Logic Family (AMC1304M05-Q1, CMOS with Schmitt Trigger)
IIN
Input current
DGND
≤ VIN ≤ DVDD
–1
1
μA
CIN
Input capacitance
5
pF
VIH
High-level input voltage
0.7 × DVDD
DVDD + 0.3
V
VIL
Low-level input voltage
–0.3
0.3 × DVDD
V
CLOAD
Output load capacitance
fCLKIN = 20 MHz
30
pF
VOH
High-level output voltage
IOH = –20 µA
DVDD – 0.1
V
IOH = –4 mA
DVDD – 0.4
VOL
Low-level output voltage
IOL = 20 µA
0.1
V
IOL = 4 mA
0.4
LVDS Logic Family (AMC1304L05-Q1)(4)
VT
Differential output voltage
RLOAD = 100 Ω
250
350
450
mV
VOC
Common-mode output voltage
1.125
1.23
1.375
V
VID
Differential input voltage
100
350
600
mV
VIC
Common-mode input voltage
VID = 100 mV
0.05
1.25
3.25
V
II
Receiver input current
DGND
≤ VIN ≤ 3.3 V
–24
0
20
µA
POWER SUPPLY
LDOIN
LDOIN pin input voltage
4.0
15.0
18.0
V
VCAP
VCAP pin voltage
3.45
V
ILDOIN
LDOIN pin input current
5.3
6.5
mA
DVDD
Controller-side supply voltage
3.0
3.3
5.5
V
IDVDD
Controller-side supply current
LVDS, RLOAD = 100 Ω
6.1
8
mA
CMOS, 3.0 V
≤ DVDD ≤ 3.6 V,
CLOAD = 5 pF
2.7
4.0
CMOS, 4.5 V
≤ DVDD ≤ 5.5 V,
CLOAD = 5 pF
3.2
5.5


Similar Part No. - AMC1304M25-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304M25 TI1-AMC1304M25 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1304M25DW TI1-AMC1304M25DW Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1304M25DWR TI1-AMC1304M25DWR Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
More results

Similar Description - AMC1304M25-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com