Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9250US24 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X9250US24
Description  Quad Digitally Controlled Potentiometers (XDCP)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9250US24 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X9250US24 Datasheet HTML 6Page - Xicor Inc. X9250US24 Datasheet HTML 7Page - Xicor Inc. X9250US24 Datasheet HTML 8Page - Xicor Inc. X9250US24 Datasheet HTML 9Page - Xicor Inc. X9250US24 Datasheet HTML 10Page - Xicor Inc. X9250US24 Datasheet HTML 11Page - Xicor Inc. X9250US24 Datasheet HTML 12Page - Xicor Inc. X9250US24 Datasheet HTML 13Page - Xicor Inc. X9250US24 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
X9250
Characteristics subject to change without notice.
10 of 21
REV 1.1.5 1/31/03
www.xicor.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias........................ –65 to +135
°C
Storage temperature............................. –65 to +150
°C
Voltage on SCK, SCL or any address input
with respect to VSS ................................. –1V to +7V
Voltage on V+ (referenced to VSS).........................10V
Voltage on V- (referenced to VSS) ........................ -10V
(V+) – (V-) ..............................................................12V
Any VH/RH ...............................................................V+
Any VL/RL .................................................................V-
Lead temperature (soldering, 10 seconds) ........ 300
°C
IW (10 seconds) ................................................±15mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Device
Supply Voltage (VCC) Limits
X9250
5V
±10%
X9250-2.7
2.7V to 5.5V
POTENTIOMETER CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used
as a potentiometer.
(2) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potenti-
ometer. It is a measure of the error in step size.
(3) MI = RTOT/255 or (VH/RH–VL/RL)/255, single pot
(4) Individual array resolutions.
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
End to end resistance tolerance
±20
%
Power rating
50
mW
25°C, each pot
IW
Wiper current
±7.5
mA
RW
Wiper resistance
150
250
Wiper current =
± 1mA
Vv+
Voltage on V+ pin
X9250
+4.5
+5.5
V
X9250-2.7
+2.7
+5.5
Vv-
Voltage on V- pin
X9250
-5.5
-4.5
V
X9250-2.7
-5.5
-2.7
VTERM
Voltage on any VH/RH or VL/RL pin
V-
V+
V
Noise
-120
dBV
Ref: 1kHz
Resolution (4)
0.6
%
Absolute linearity (1)
±1
MI(3)
Vw(n)(actual)–Vw(n)(expected)
Relative linearity (2)
±0.6
MI(3)
Vw(n + 1)–[Vw(n) + MI]
Temperature coefficient of RTOTAL
±300
ppm/°C
Ratiometric Temperature
Coefficient
±20
ppm/°C
CH/CL/CW Potentiometer Capacitances
10/10/25
pF
See Circuit #3


Similar Part No. - X9250US24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9250US24 INTERSIL-X9250US24 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
X9250US24 INTERSIL-X9250US24 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
X9250US24 INTERSIL-X9250US24 Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Renesas Technology Corp
X9250US24 RENESAS-X9250US24 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
logo
Intersil Corporation
X9250US24-2.7 INTERSIL-X9250US24-2.7 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
More results

Similar Description - X9250US24

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com