Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML50.105 Datasheet(PDF) 2 Page - PULS GmbH

Part # ML50.105
Description  NEC Class 2 Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML50.105 Datasheet(HTML) 2 Page - PULS GmbH

  ML50.105 Datasheet HTML 1Page - PULS GmbH ML50.105 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input
Input voltage
AC 100-240V (Wide Range), 47...63Hz
Admiss. limits: AC 85...264V (DC 85...375V)
Input current
<1.0A (@ AC 100V, 50W Pout)
<0.6A (@ AC 196V, 50W Pout)
External fusing
not required, unit provides internal fuse
(T3A15H, not accessible)
Transient immunity
Transient resistance acc. to VDE 0160 / W2
(750V / 1.3ms), over entire load range
Hold-up time
(see diagram below)
>170ms @ AC 230V, 48V / 1.05A
>97ms @ AC 196V, 48V / 1.05A
>17ms @ AC 100V, 48V / 1.05A
Efficiency, Reliability
Efficiency
Losses
typ. 90%
(AC 230V, 48V / 1.05A)
(see also diagram below)
typ. 6W
(AC 230V, 48V / 1.05A)
MTBF (Reliability)
appr. 600.000h acc. to Siemensnorm SN 29500
(48V / 1.05A, AC 230V, Tamb = +40°C)
Prior to shipment, every unit undergoes the following tests in order to
isolate any defective units which might suffer an early failure:
• Run-in / burn-in (Full load, Tamb = +60°C, on/off cycle)
• Functional test (100%)
Construction, Mechanics, Installation
Robust plastic housing (US Patent No. D442, 923S), fine ventilation grid
on three housing sides to keep out small parts (e.g. screws), IP20
Dimensions and weight
• W x H x D
•Weight
45mm x 75mm x 91mm (+ DIN Rail)
Depth incl. terminals: 98mm (+ DIN Rail)
240g
Mounting orientation
,
or
(cf. ’Output’)
Ventilation/Cooling
• Free space f. cooling
Normal convection, no fan required
recom’d.: 25mm on sides with ventilation grid
Easy snap-on mounting onto the DIN-rail (TS35/7,5 or TS35/15).
Unit sits safely and firmly on the rail; no tools required even to remove
Connection
by Spring Clamp terminals; uniformly firm hold,
vibration-resistant and maintenance-free:
2 terminals per output
Connector size range
• flexible cable
• solid cable
• Wire strip length
0.3-2.5mm2 (28-12 AWG)
0.3-4mm2 (28-12 AWG)
Ferrules admissible
6mm (0.24in) recommended
Diagrams
0
10
20
30
40
50
60
-10
0
10
20
30
40
50
60
70
Ambient temperature [°C]
0
8
16
24
32
40
48
56
64
00,5
1
1,5
22,5
3
Output current Iout [A]
Output characteristic Vout/Iout
(min.)
Efficiency
Hold-up time with ACin
(@ Vout = 48V, typ.)
(at Vout = 48V, typ. + min.)
Derating
of output power
65
70
75
80
85
90
95
0,1
0,3
0,5
0,7
0,9
1,1
Output current Iout [A]
120V ACin
230V ACin
Vout range
230V ACin
110V ACin
a
b
c
Mounting
85-150 V ACin A-a A-b A-c
150-264 V ACin A-a A-a A-b
100-370 V DCin A-a A-a A-b
85-100 V DCin B-b B-b B-b
B
A
0
20
40
60
80
100
120
90
125
160
195
230
Input voltage V ACin [V]
Pout=50W, typ.
Pout=50W, min.
Pout=25W, typ.
Pout=25W, min.
Output
Output voltage
• preset
DC 48-56V (adj. by front panel potentiometer)
48V ± 0.5% @ 1.05A
Voltage regulation
stat. <1% Vout
dyn. ±2% Vout over all
Ripple/Noise
<200mVPP (20MHz bandw., 50 Ω measurem.)
Overvoltage prot. (OVP) <60V
Rated continuous
loading
up to 1.05A @ 48V / 0.9A @ 56V (convection
cooling), depending on built-in orientation,
Vin and Tamb
For details see derating diagram below
Overload behaviour
PULS Overload Design™: No switch-off at
overload/short-circuit, instead: up to 1.5
⋅ Irated.
So you need no oversizing to start awkward
loads.
Protection
Unit is protected against (also permanent)
short-circuit, overload and open-circuit.
Derating
depending on built-in orientation;
see diagram below
Power back immunity
63V
Operating indicator
Green LED
Environmental Data, EMC, Safety
Ambient temperature range (measured 25mm below unit)
• storage/transport
• operation
-25°C ... +85°C
-10°C ... +70°C (for derating see diagram below)
Humidity
max. 95% (without condensation)
Electromagnetic
emissions (EME)
EN 61000-6-3 (includes EN 61000-6-4)
Class B (EN 55011, EN 55022)
Electromagnetic
immunity (EMI)
EN 61000-6-2 (includes EN 61000-6-1)
Safe low voltage:
Prot. class/degree:
SELV (EN60950, VDE0100/T.410), PELV (EN50178)
Class I (EN60950) / IP20 (EN60529)
The PSU complies with all major safety approvals for EU (EN 60 950,
EN 60204-1, EN 50178), USA (UL 60950, E137006, UL508 LISTED, E198865),
Canada (CAN/CSA-C22.2 No 60950 [CUR], CAN/CSA-C22.2 No. 14 [CUL]),
CB Scheme (IEC 60950).
Design details – for your advantage:
• All terminals are easy to reach as mounted on the front panel.
• Input and output are strictly apart from each other (input below, out-
put above) and so cannot be mixed up.
• Mounting and connection do not require any screwdriver
→ Easy, quick, durable and reliable installation.
Technical Data ML50.105
Product information (ML50e105), Rev.: 6. May 2004. Unless otherwise stated, specifications are valid for AC 230V input voltage, +25°C ambient temperature, and 5 min. run-in time. They
are subject to change without prior notice.
PULS GmbH, Arabellastraße 15, D-81925 München
Tel: +49.(0)89.9278-244, Fax: +49.(0)89.9278-199, E-Mail: sales@puls-power.com
www.puls-power.com
Spri
ng C
lam
ps


Similar Part No. - ML50.105

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
   SINGLE PHASE INPUT
ML50.102 PULS-ML50.102 Datasheet
403Kb / 2P
   NEC Class 2 Power Supply
ML50.109 PULS-ML50.109 Datasheet
637Kb / 20P
   SINGLE PHASE INPUT
More results

Similar Description - ML50.105

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML30.100 PULS-ML30.100 Datasheet
252Kb / 2P
   NEC Class 2 Power Supply
ML50.111 PULS-ML50.111 Datasheet
363Kb / 2P
   NEC Class 2 Power Supply
ML50.102 PULS-ML50.102 Datasheet
403Kb / 2P
   NEC Class 2 Power Supply
ML30.102 PULS-ML30.102 Datasheet
212Kb / 2P
   NEC Class 2 Power Supply
ML30.101 PULS-ML30.101 Datasheet
255Kb / 2P
   NEC Class 2 Power Supply
ML30.106 PULS-ML30.106 Datasheet
187Kb / 2P
   NEC Class 2 Power Supply
QS5.DNET PULS-QS5.DNET Datasheet
686Kb / 21P
   24V, 3.8A, NEC CLASS 2, DEVICENET POWER SUPPLY
logo
Artesyn Technologies
LDS100-24-U00 ARTESYN-LDS100-24-U00 Datasheet
998Kb / 3P
   LED Lighting Power Supply - Class 2
LDS70-12-U00 ARTESYN-LDS70-12-U00 Datasheet
973Kb / 3P
   LED Lighting Power Supply - Class 2
logo
Mean Well Enterprises C...
ELN-60 MEANWELL-ELN-60_11 Datasheet
178Kb / 3P
   60W Single Output Class 2 Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com