Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1288V14-4.5A Datasheet(PDF) 3 Page - Xicor Inc.

Part # X1288V14-4.5A
Description  2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1288V14-4.5A Datasheet(HTML) 3 Page - Xicor Inc.

  X1288V14-4.5A Datasheet HTML 1Page - Xicor Inc. X1288V14-4.5A Datasheet HTML 2Page - Xicor Inc. X1288V14-4.5A Datasheet HTML 3Page - Xicor Inc. X1288V14-4.5A Datasheet HTML 4Page - Xicor Inc. X1288V14-4.5A Datasheet HTML 5Page - Xicor Inc. X1288V14-4.5A Datasheet HTML 6Page - Xicor Inc. X1288V14-4.5A Datasheet HTML 7Page - Xicor Inc. X1288V14-4.5A Datasheet HTML 8Page - Xicor Inc. X1288V14-4.5A Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3 of 31
REV 1.1.30 3/24/04
www.xicor.com
Preliminary Information
X1288
PART MARK INFORMATION
14-Lead TSSOP
YWW
XXXXX
1288F = 2.7 to 5.5V, 0 to +70°C, VTRIP=2.65V±100mV
1288G = 2.7 to 5.5V, -40 to +85°C, VTRIP=2.65V±100mV
1288 = 2.7 to 5.5V, 0 to +70°C, VTRIP=4.38V±112mV
1288I = 2.7 to 5.5V, -40 to +85°C, VTRIP=4.38V±112mV
1288AN = 2.7 to 5.5V, 0 to +70°C, VTRIP=2.85V±100mV
1288AP = 2.7 to 5.5V, -40 to +85°C, VTRIP=2.85V±100mV
1288AL = 2.7 to 5.5V, 0 to +70°C, VTRIP=4.63V±112mV
1288AM = 2.7 to 5.5V, -40 to +85°C, VTRIP=4.63V±112mV
16-Lead SOIC
YWW
XXXXX
1288F = 2.7 to 5.5V, 0 to +70°C, VTRIP=2.65V±100mV
1288G = 2.7 to 5.5V, -40 to +85°C, VTRIP=2.65V±100mV
1288 = 2.7 to 5.5V, 0 to +70°C, VTRIP=4.38V±112mV
1288I = 2.7 to 5.5V, -40 to +85°C, VTRIP=4.38V±112mV
1288AN = 2.7 to 5.5V, 0 to +70°C, VTRIP=2.85V±100mV
1288AP = 2.7 to 5.5V, -40 to +85°C, VTRIP=2.85V±100mV
1288AL = 2.7 to 5.5V, 0 to +70°C, VTRIP=4.63V±112mV
1288AM = 2.7 to 5.5V, -40 to +85°C, VTRIP=4.63V±112mV


Similar Part No. - X1288V14-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1288V14-4.5A INTERSIL-X1288V14-4.5A Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288V14-4.5A RENESAS-X1288V14-4.5A Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Similar Description - X1288V14-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com