Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPS20.241-D1 Datasheet(PDF) 1 Page - PULS GmbH

Part # CPS20.241-D1
Description  DC/DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CPS20.241-D1 Datasheet(HTML) 1 Page - PULS GmbH

  CPS20.241-D1 Datasheet HTML 1Page - PULS GmbH CPS20.241-D1 Datasheet HTML 2Page - PULS GmbH CPS20.241-D1 Datasheet HTML 3Page - PULS GmbH CPS20.241-D1 Datasheet HTML 4Page - PULS GmbH CPS20.241-D1 Datasheet HTML 5Page - PULS GmbH CPS20.241-D1 Datasheet HTML 6Page - PULS GmbH CPS20.241-D1 Datasheet HTML 7Page - PULS GmbH CPS20.241-D1 Datasheet HTML 8Page - PULS GmbH CPS20.241-D1 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CPS20.241-D1
C-Series
24V, 20A, DC/DC CONVERTER
DC/DC CONVERTER
88-360Vdc Wide-range Input
Width only 65mm
Efficiency up to 94.6%
ATEX and IECEx Approved
Excellent Partial Load Efficiency
20% Output Power Reserves
Safe HiccupPLUS Overload Mode
Easy Fuse Tripping due to High Overload Current
(typ. 80A for 15ms)
Minimal Inrush Current Surge
Full Power Between -25°C and +60°C
DC-OK Relay Contact
Reverse Input Polarity Protected
Current Sharing Feature for Parallel Use
3 Year Warranty
1/25
GENERAL DESCRIPTION
The Dimension C-Series are cost optimized power
supplies and DC/DC converters without compromising
quality, reliability and performance. The C-Series is part
of the DIMENSION power supply family. The most
outstanding features of CPS20.241-D1 are the wide DC-
input range, high efficiency, electronic inrush current
limitation, wide operational temperature range. The
small size is achieved by a synchronous rectification and
further technological design details.
The C-Series includes all the essential basic functions.
The devices have a power reserve of 20% included,
which may even be used continuously at temperatures
up to +45°C. Additionally, the CPS20.241-D1 can deliver
about 4 times the nominal output current for 15ms
which helps to trip fuses on faulty output branches.
High immunity to transients and power surges as well as
low electromagnetic emission, a DC-OK relay contact
and a large international approval package for a variety
of applications makes this unit suitable for nearly every
situation.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24 - 28V
Output current
20A
at 24V, amb <60°C
24A
at 24V, amb <45°C
17.1A
at 28V, amb <60°C
20.6A
at 28V, amb <45°C
Output power
480W
ambient <60°C
576W
ambient <45°C
Output ripple
< 50mVpp
20Hz to 20MHz
AC Input voltage
-
-
DC Input voltage
DC 110-300V
± 20%
DC Input current
4.68 / 1.69A
at 110 / 300Vdc
Inrush current
typ. 6 / 4A peak at 110 / 300Vdc
Efficiency
93.1 / 94.6%
at 110 / 300Vdc
Losses
35.6 / 27.4W
at 110 / 300Vdc
Temperature range -25°C to +70°C
operational
Derating
12W/°C
+60 to +70°C
Hold-up time
typ. 26 / 26ms
at 110 / 300Vdc
Dimensions
65x124x127mm WxHxD
Weight
940g 2.1lb
ORDER NUMBERS
DC/DC converter CPS20.241-D1 24-28V Standard unit
Accessory
ZM2.WALL
Wall mount bracket
ZM13.SIDE
Side mount bracket
YR40.242
Redundancy module
YR40.245
Redundancy module
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
EMC, LVD, RoHS
Class I Div 2
IECEx
ATEX
II 3G Ex nA nC II T3 Gc
Apr. 2014 / Rev. 1.3 DS-CPS20.241-D1-EN
All parameters are specified at 24V, 20A, 300Vdc, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CPS20.241-D1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CPS20.241-60 PULS-CPS20.241-60 Datasheet
653Kb / 22P
   DC/DC CONVERTER
logo
Red Lion Controls. Inc
CPS20.241-C1 REDLION-CPS20.241-C1 Datasheet
718Kb / 26P
   POWER SUPPLY
logo
PULS GmbH
CPS20.241-C1 PULS-CPS20.241-C1 Datasheet
718Kb / 26P
   SINGLE PHASE INPUT
More results

Similar Description - CPS20.241-D1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com