Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPS20.241-60 Datasheet(PDF) 5 Page - PULS GmbH

Part # CPS20.241-60
Description  DC/DC CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CPS20.241-60 Datasheet(HTML) 5 Page - PULS GmbH

  CPS20.241-60 Datasheet HTML 1Page - PULS GmbH CPS20.241-60 Datasheet HTML 2Page - PULS GmbH CPS20.241-60 Datasheet HTML 3Page - PULS GmbH CPS20.241-60 Datasheet HTML 4Page - PULS GmbH CPS20.241-60 Datasheet HTML 5Page - PULS GmbH CPS20.241-60 Datasheet HTML 6Page - PULS GmbH CPS20.241-60 Datasheet HTML 7Page - PULS GmbH CPS20.241-60 Datasheet HTML 8Page - PULS GmbH CPS20.241-60 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CPS20.241-60
C-Series
24V, 400W, DC/DC CONVERTER
Fig. 4-3 Input current vs. output load
16
0
2
468
0
1
2
3
4
5A
Output Current
Input Current at 110Vdc input, typ.
10
12
14
18A
5. INPUT INRUSH CURRENT
An active inrush limitation circuit limits the input inrush current after turn-on of the input voltage.
The charging current into EMI suppression capacitors is disregarded in the first microseconds after switch-on.
Inrush current
max.
13Apeak
at 110Vdc, temperature independent
typ.
6Apeak
at 110Vdc, temperature independent
Inrush energy
max.
1A2s
at 110Vdc, temperature independent
Fig. 5-1 Typical input inrush current behaviour at nominal load and
25°C ambient
Aug. 2016 / Rev. 1.0 DS-CPS20.241-60-EN
All parameters are specified at 24.5V, 16.3A, 110Vdc, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/22


Similar Part No. - CPS20.241-60

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
CPS20.241-C1 REDLION-CPS20.241-C1 Datasheet
718Kb / 26P
   POWER SUPPLY
logo
PULS GmbH
CPS20.241-C1 PULS-CPS20.241-C1 Datasheet
718Kb / 26P
   SINGLE PHASE INPUT
CPS20.241-D1 PULS-CPS20.241-D1 Datasheet
678Kb / 25P
   DC/DC CONVERTER
More results

Similar Description - CPS20.241-60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com