Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6211C3AMR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6211C3AMR
Description  High Speed LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6211C3AMR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6211C3AMR Datasheet HTML 1Page - Torex Semiconductor XC6211C3AMR Datasheet HTML 2Page - Torex Semiconductor XC6211C3AMR Datasheet HTML 3Page - Torex Semiconductor XC6211C3AMR Datasheet HTML 4Page - Torex Semiconductor XC6211C3AMR Datasheet HTML 5Page - Torex Semiconductor XC6211C3AMR Datasheet HTML 6Page - Torex Semiconductor XC6211C3AMR Datasheet HTML 7Page - Torex Semiconductor XC6211C3AMR Datasheet HTML 8Page - Torex Semiconductor XC6211C3AMR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Preliminary
Product Classification
Selection Guide
The following options for the CE pin logic and internal pull-up/down are available:
Active 'High' + no pull-down resistor built-in (standard)
Active 'High' + 2.0M
Ω pull-down resistor built-in <between CE-VSS> (semi-custom)
Active 'Low' + no pull-up resistor built-in (semi-custom)
Active 'Low' + 2.0M
Ω pull-up resistor built-in <between VIN-CE> (semi-custom)
Note: *With the pull-up resistor or pull-down resistor built-in types,
the supply current during operation will increase by VIN / 2.0M
Ω (TYP.)
Ordering Information
XC6211
123456
Absolute Maximum Rating
Ta = 25OC
3
Operating Ambient Temperature
OC
Storage Temperature
-55 ~ +125
SYMBOL
IOUT
VOUT
VSS -0.3 ~ VIN +0.3
250
Tstg
Output Current
Output Voltage
CE Pin Voltage
OC
V
mA
V
-40 ~ +85
VCE
Topr
XC6211 Series
R
C
D
2
DESIGNATOR
SYMBOL
A
B
1
4
e.g.
2=2, 3=8, 4=A
⇒ 2.85V
2 3
e.g.
2=2, 3=8, 4=2
⇒ 2.80V, ±2%
Output Voltage : 50mV increments, ±2% accuracy
A
e.g.
2=3, 3=0,
⇒ 3.0V
Output Voltage: 100mV increments,
±2% accuracy
L
DESCRIPTION
CE Pin Logic :
Active 'High' (pull-down resistor built in)
Active 'High' (no pull-down resistor built in)
Active 'Low' (pull-up resistor built in)
Active 'Low' (no pull-up resistor built in)
Output Voltage :
Integer
M
SOT-25 (SOT-23-5)
Device Orientation :
Embossed Tape : Standard Feed
5
Power Dissipation
Pd
mW
VSS -0.3 ~ VIN +0.3
VIN
Embossed Tape : Reverse Feed
6
UNITS
PARAMETER
Input Voltage
RATINGS
V
7.0
500
High Speed LDO Regulator
Low ESR Cap. Compatible, On / Off Switch
Package Type :


Similar Part No. - XC6211C3AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6211B26AMR TOREX-XC6211B26AMR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6211E091DL TOREX-XC6211E091DL Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6211E091DR TOREX-XC6211E091DR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6211E091ML TOREX-XC6211E091ML Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
More results

Similar Description - XC6211C3AMR

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
logo
Torex Semiconductor
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
logo
Cystech Electonics Corp...
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
   30mA High Speed LDO Regulator
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406 Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
logo
Diodes Incorporated
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com