Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APBA3010SURKCGKC-GX Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APBA3010SURKCGKC-GX
Description  Ideal for backlight and indicator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APBA3010SURKCGKC-GX Datasheet(HTML) 1 Page - Kingbright Corporation

  APBA3010SURKCGKC-GX Datasheet HTML 1Page - Kingbright Corporation APBA3010SURKCGKC-GX Datasheet HTML 2Page - Kingbright Corporation APBA3010SURKCGKC-GX Datasheet HTML 3Page - Kingbright Corporation APBA3010SURKCGKC-GX Datasheet HTML 4Page - Kingbright Corporation APBA3010SURKCGKC-GX Datasheet HTML 5Page - Kingbright Corporation APBA3010SURKCGKC-GX Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAL3682
REV NO: V.9A
DATE: AUG/01/2016
PAGE: 1 OF 6
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: W.Q.Zhong
ERP: 1203000840
3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED
LAMP
Part Number: APBA3010SURKCGKC-GX
Hyper Red
Green
Features
3.0x2.0x1.0mm right angle SMD LED, 1.0mm thickness.
Low power consumption.
Wide viewing angle.
Ideal for backlight and indicator.
Package : 2000 pcs / reel.
Moisture sensitivity level : level 3.
Tinned pads for improved solderability
RoHS compliant.
Descriptions
The Hyper Red source color devices are made with Al
GaInP on GaAs substrate Light Emitting Diode.
The Green source color devices are made with AlGaInP
on GaAs substrate Light Emitting Diode.
Electrostatic discharge and power surge could damage
the LEDs.
It is recommended to use a wrist band or anti-
electrostatic glove when handling the LEDs.
All devices, equipments and machineries must be
electrically grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.15(0.006") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
RED
RED
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES


Similar Part No. - APBA3010SURKCGKC-GX

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APBA3010SURKCGKC-GX TO-GRACE-APBA3010SURKCGKC-GX Datasheet
949Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
logo
Kingbright Corporation
APBA3010SURKCGKC-GX KINGBRIGHT-APBA3010SURKCGKC-GX_15 Datasheet
268Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - APBA3010SURKCGKC-GX

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHBM2012LVBDZGKC KINGBRIGHT-APHBM2012LVBDZGKC Datasheet
316Kb / 6P
   Ideal for backlight and indicator
APB3025SYKQWDF-AMT KINGBRIGHT-APB3025SYKQWDF-AMT Datasheet
377Kb / 9P
   Ideal for backlight and indicator
APGA1602SEC KINGBRIGHT-APGA1602SEC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APGA1602SYC KINGBRIGHT-APGA1602SYC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APTB1612CGKQWDF-AMT KINGBRIGHT-APTB1612CGKQWDF-AMT Datasheet
373Kb / 9P
   Ideal for backlight and indicator
APHBM2012QBDSURKC KINGBRIGHT-APHBM2012QBDSURKC Datasheet
294Kb / 6P
   Ideal for backlight and indicator.
APHBM2012LZGKSYKC KINGBRIGHT-APHBM2012LZGKSYKC Datasheet
280Kb / 6P
   Ideal for backlight and indicator
logo
Omron Electronics LLC
K35-3 OMRON-K35-3 Datasheet
339Kb / 17P
   A Process Indicator Ideal for Discriminating and Displaying Measurements for Voltage/Current Signals
logo
DB Lectro Inc
10D-1T DBLECTRO-10D-1T Datasheet
601Kb / 2P
   ideal for ATE and measurement instruments.
logo
Taoglas antenna solutio...
MA252.A.LB.001 TAOGLAS-MA252.A.LB.001 Datasheet
7Mb / 39P
   Ideal for IoT and Automotive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com