Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR80C154-25 Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # MR80C154-25
Description  CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

MR80C154-25 Datasheet(HTML) 3 Page - TEMIC Semiconductors

  MR80C154-25 Datasheet HTML 1Page - TEMIC Semiconductors MR80C154-25 Datasheet HTML 2Page - TEMIC Semiconductors MR80C154-25 Datasheet HTML 3Page - TEMIC Semiconductors MR80C154-25 Datasheet HTML 4Page - TEMIC Semiconductors MR80C154-25 Datasheet HTML 5Page - TEMIC Semiconductors MR80C154-25 Datasheet HTML 6Page - TEMIC Semiconductors MR80C154-25 Datasheet HTML 7Page - TEMIC Semiconductors MR80C154-25 Datasheet HTML 8Page - TEMIC Semiconductors MR80C154-25 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
80C154/83C154
Rev.F (14 Jan. 97)
3
MATRA MHS
Figure 2. Pin Configuration
DIL
LCC
Flat Pack
Diagrams are for reference only. Package sizes are not to scale
80C154/83C154
80C154/83C154
P0.4/A4
P1.5
P1.6
P1.7
RST
RxD/P3.0
NC
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
P0.5/A5
P0.6/A6
P0.7/A7
EA
NC
ALE
PSEN
P2.7/A14
P2.6/A13
P2.5/A12
15
P
16
P
17
P
30
RxD/P
31
TxD/P
32
INT0/P
33
INT1/P
34
T0/P
35
T1/P
RST
NC
04
P
/A4
05
P
/A5
06
P
/A6
07
P
/A7
EA
NC
ALE
PSEN
27
P /A15
26
P /A14
25
P /A13


Similar Part No. - MR80C154-25

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
MR80C31BH ROCHESTER-MR80C31BH Datasheet
601Kb / 9P
   CMOS SINGLE - CHIP 8-BIT MICROCOMPUTER 64K program Memory Space
MR80C51BH ROCHESTER-MR80C51BH Datasheet
601Kb / 9P
   CMOS SINGLE - CHIP 8-BIT MICROCOMPUTER 64K program Memory Space
logo
Intersil Corporation
MR80C86 INTERSIL-MR80C86 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
MR80C86-2 INTERSIL-MR80C86-2 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
MR80C86-2B INTERSIL-MR80C86-2B Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
More results

Similar Description - MR80C154-25

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com