Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9210 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9210
Description  Synchronous Step-Down DC / DC Controller ICs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9210 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9210 Datasheet HTML 1Page - Torex Semiconductor XC9210 Datasheet HTML 2Page - Torex Semiconductor XC9210 Datasheet HTML 3Page - Torex Semiconductor XC9210 Datasheet HTML 4Page - Torex Semiconductor XC9210 Datasheet HTML 5Page - Torex Semiconductor XC9210 Datasheet HTML 6Page - Torex Semiconductor XC9210 Datasheet HTML 7Page - Torex Semiconductor XC9210 Datasheet HTML 8Page - Torex Semiconductor XC9210 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ELECTRICAL CHARACTERISTICS
XC9210B093
(FOSC = 300kHz)
Ta=25
OC
VOUT
Unless otherwise stated, VDD = 3.0V, CE = 3.0V, PWM = 3.0V, FB = 3.0V, EXT1, 2=OPEN, MODE = 3.0V, VIN=4.2V
Notes 1)
2)
3)
Tr1 : CPH3308
(SANYO)
Tr2 : CPH3408
(SANYO)
L : 22µH
(SUMIDA CDRH125)
CL : 16V, 47µF x 2
(NICHICEMI Tantalum MCE Series)
CIN : 16V, 47µF
(NICHICEMI Tantalum MCE Series)
RFB1 : 200k
RFB2 : 75k
CFB : 62pF
4
-0
%
2
Minimum Duty Ratio
MINDTY
Same as IDD2
-
--
%
2
Maximum Duty Ratio
MAXDTY
Same as IDD1
100
-
2.0
V
1
Minimum Operation Voltage
VINmin
-
0.900
0.918
V
3
FB Voltage
VFB
VIN=3.0V, IOUT=10mA
0.882
--
Please be careful not to exceed the breakdown voltage level of the peripheral parts.
EFFI={ [ (Output voltage) x (Output current) ] / [ (Input voltage) x (Input Current) ] } x 100
FB "Low" Current
2
31
-19
30
5
-
VIN
≥ 2.0V, MODE = 0V, IOUT=1mA
-V
4
2
EXT2 = VDD - 0.4V
IFBH
FB "High" Current
MODE "Low" Current
MODE "High" Current
IMODEL
CE "Low" Current
ICEH
CE "High" Current
PWM "Low" Current
PWM "High" Current
IMODEH
VOUTSET
EXT2 "High" ON Resistance
EXT1 "Low" ON Resistance
EXT1 "High" ON Resistance
Soft-Start Time
REXTBH2
REXTBL2
VMODEH
VMODEL
VPWMH
VPWML
IFBL
-
0.5
-
-
- 0.5
-
FB = 1.0V
MODE = 0V
-
EXT2 "Low" ON Resistance
PWM "High" Voltage
No Load
5
2
5
4
4
µA
2
µA
2
19
30
µA
-
- 0.50
0.50
µA
µA
V
-
MIN.
XC9210 Series
Synchronous Step-Down DC / DC Controller ICs
µA
2
-
0.20
4
--
MODE "Low" Voltage
0.65
PWM "Low" Voltage
No Load
-
No Load
0.65
MODE "High" Voltage
No Load
-
REXTBL1
REXTBH1
V
-
0.20
V
CE = 0V, EXT2 = VDD - 0.4V
-23
CE1 = 0, EXT1= VDD - 0.4V
-
FB = 0V, EXT1 = 0.4V
-
4
10.0
20.0
5
26
37
VOUT
× 0.95V, CE=0V→0.65V
5.0
TSS
%
EFFI
mS
96
-
IOUT1=300mA (note 3)
-
Efficiency1 (note 2 )
%
4
30
38
No Load, VPWM=0V
22
PFMDTY
PFM Duty Ratio
4
PWM=0V
-
µA
2
IPWML
µA
2
-
0.5
-
IPWMH
-
- 0.5
- 0.5
CE = 0V
-
ICEL
-
0.5
-
V
2
-
0.2
FB = 0V
-
VCEL
CE "Low" Voltage
V
2
--
FB = 0V
0.65
VCEH
CE "High" Voltage
kHz
2
300
345
Same as IDD1
255
FOSC
Oscillation Frequency
µA
2
-
3.0
Same as IDD1, CE = 0V
-
ISTB
Stand-by Current
µA
2
65
120
FB = 1.0V
-
IDD2
Supply Current 2
µA
2
FB = 0V
IDD1
120
-65
1
--
Supply Current 1
V
1
-
VIN
0.9
Output Voltage Range(note 1)
V
V
2.0
-
10.0
SYMBOL
PARAMETER
MODE = 0V
10.0
Maximum Input Voltage
VDD
VIN
1
MODE = 0V
Supply Voltage
CONDITIONS
UNITS
TEST
CIRCUIT
MAX.
TYP.
Semiconductor Ltd.


Similar Part No. - XC9210

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
XC9210B092KL TOREX-XC9210B092KL Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
XC9210B092KR TOREX-XC9210B092KR Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
XC9210B093KL TOREX-XC9210B093KL Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
XC9210B093KR TOREX-XC9210B093KR Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
More results

Similar Description - XC9210

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Torex Semiconductor
XC9213 TOREX-XC9213 Datasheet
61Kb / 5P
   Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com