Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X3C22E1-03S Datasheet(PDF) 1 Page - Anaren Microwave

Part # X3C22E1-03S
Description  High Power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C22E1-03S Datasheet(HTML) 1 Page - Anaren Microwave

  X3C22E1-03S Datasheet HTML 1Page - Anaren Microwave X3C22E1-03S Datasheet HTML 2Page - Anaren Microwave X3C22E1-03S Datasheet HTML 3Page - Anaren Microwave X3C22E1-03S Datasheet HTML 4Page - Anaren Microwave X3C22E1-03S Datasheet HTML 5Page - Anaren Microwave X3C22E1-03S Datasheet HTML 6Page - Anaren Microwave X3C22E1-03S Datasheet HTML 7Page - Anaren Microwave X3C22E1-03S Datasheet HTML 8Page - Anaren Microwave X3C22E1-03S Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C22E1-03S
Rev B
PRELIMINARY
Hybrid Coupler
3 dB, 90
Description
The X3C22E1-03S is a low profile, high performance 3dB hybrid coupler in a
new easy to use, manufacturing friendly surface mount package. It is
designed for DCS and PCS band applications. The X3C22E1-03S is designed
particularly for balanced power and low noise amplifiers, plus signal
distribution and other applications where low insertion loss and tight amplitude
and low PIM are required. It can be used in high power applications up to 160
watts.
Parts have been subjected to rigorous qualification testing and they are
manufactured using materials with coefficients of thermal expansion (CTE)
compatible with common substrates such as FR4, G-10, RF-35, RO4350 and
polyimide. Available in tin immersion (X3C22E1-03S) RoHS compliant finish
.
Electrical Specifications
**
Features:
 1700-2700 MHz
 DCS and PCS
 High Power
 Very Low Loss
 Tight Amplitude Balance
 High Isolation
 Production Friendly
 Tape and Reel
 PIM 160 dBC min
Frequency
Isolation
Insertion
Loss
VSWR
Amplitude
Balance
MHz
dB Min
dB Max
Max : 1
dB Max
1700-2700
23
0.15
1.15
± 0.25
Phase
Power
JC
Operating
Temp.
PIM
Degrees
Avg. CW Watts
ºC/Watt
ºC
dBC Min
90 ± 4.0
160
23.3
-55 to +110
160
**Specification based on performance of unit properly installed on Anaren Test Board 58492-0001 with small
signal applied. Specifications are subject to change without notice. Refer to parameter definitions for details.
Mechanical Outline
X3C22E1-03S
.560±.010
[14.22±0.25]
.200±.010
[5.08±0.25]
Orientation Mark
Denotes Pin 1
Pin 1
Pin 2
Pin 3
Pin 4
Denotes Array Row (RR)
& Column (CC)
.085±.008
[2.15±0.21]
.090±.004
[2.29±0.10]
Pin 1
Pin 2
Pin 3
Pin 4
.450±.004
[11.43±0.10]
.025±.004
[0.63±0.10]
Gnd
.025±.004
[0.64±0.10]
4x .049±.004 Sq
[1.24±0.10]
Gnd
Dimensions Are in Inches [Millimeters]
X3C22E1-03S Mechanical Outline
Tolerances are Non-cumulative


Similar Part No. - X3C22E1-03S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C20F1-02S ANAREN-X3C20F1-02S Datasheet
868Kb / 18P
   Tight Amplitude Balance
logo
NXP Semiconductors
X3C20F1-02S NXP-X3C20F1-02S Datasheet
389Kb / 16P
   RF Power LDMOS Transistor
X3C20F1-02S NXP-X3C20F1-02S Datasheet
385Kb / 17P
   RF Power LDMOS Transistor N−Channel Enhancement−Mode Lateral MOSFET
Rev. 1, 11/2022
X3C20F1-02S NXP-X3C20F1-02S Datasheet
414Kb / 18P
   1805–2200 MHz, 107 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
Rev. 1, 08/2020
logo
Anaren Microwave
X3C20F1-05S ANAREN-X3C20F1-05S Datasheet
211Kb / 2P
   Tight Amplitude Balance
More results

Similar Description - X3C22E1-03S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCO600-20IO1 IXYS-MCO600-20IO1 Datasheet
202Kb / 4P
   High Power Single High Power Single
logo
Ningbo Foryard Optoelec...
FYLP-3W-UYS FORYARD-FYLP-3W-UYS Datasheet
127Kb / 3P
   HIGH POWER
FYLP-3W-UYB FORYARD-FYLP-3W-UYB Datasheet
122Kb / 3P
   HIGH POWER
FYLP-3W-UBB FORYARD-FYLP-3W-UBB Datasheet
121Kb / 3P
   HIGH POWER
FYLP-1W-UBB FORYARD-FYLP-1W-UBB Datasheet
122Kb / 3P
   HIGH POWER
FYLP-3W-UPGL FORYARD-FYLP-3W-UPGL Datasheet
119Kb / 3P
   HIGH POWER
FYLP-3W-UWWS FORYARD-FYLP-3W-UWWS Datasheet
127Kb / 3P
   HIGH POWER
logo
A-BRIGHT Inc
AL-00-1B000C80 A-BRIGHT-AL-00-1B000C80_15 Datasheet
289Kb / 6P
   High Power
AL-00-2OR1CT A-BRIGHT-AL-00-2OR1CT_15 Datasheet
293Kb / 6P
   High Power
AL-00-1OR00CAC A-BRIGHT-AL-00-1OR00CAC Datasheet
289Kb / 6P
   High Power
AL-00-1UY10CAE A-BRIGHT-AL-00-1UY10CAE Datasheet
290Kb / 6P
   High Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com