Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP-150-50TG Datasheet(PDF) 2 Page - Anaren Microwave

Part # RFP-150-50TG
Description  Welded Silver Leads
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

RFP-150-50TG Datasheet(HTML) 2 Page - Anaren Microwave

  RFP-150-50TG Datasheet HTML 1Page - Anaren Microwave RFP-150-50TG Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Available on Tape and
Reel For Pick and Place
Manufacturing.
Model RFP-150-50TG
Typical Performance:
Power De-rating:
Mounting Footprint and Procedure:
NOT RECOMMENDED APPLICATION
BOARD LOWER
THAN LEAD.
THAN LEAD.
BOARD HIGHER
SCALE: NONE
SCALE: NONE
BOARD EVEN
WITH LEAD.
THAN LEAD.
BOARD LOWER
SUGGESTED STRESS RELIEF METHODS
(2 PLACES)
.025 MIN.
SUGGESTED MOUNTING PROCEDURES:
1.
MAKE SURE THAT THE DEVICES ARE MOUNTED ON
FLAT SURFACES (.001" UNDER THE DEVICE) TO
OPTIMIZE THE HEAT TRANSFER.
DRILL & TAP THE HEATSINK FOR THE APPROPRIATE
2.
THREAD SIZE TO BE USED.
3.
COAT HEATSINK WITH A MINIMUM AMOUNT OF HIGH
QUALITY SILICONE GREASE (.001" MAX. THICKNESS).
4.
POSITION DEVICE ON MOUNTING SURFACE & SECURE
USING SOCKET HEAD SCREWS, FLAT & SPLIT WASHER.
TORQUE SCREWS TO THE APPROPRIATE VALUE. MAKE
5.
SURE THAT THE DEVICE IS FLAT AGAINST THE HEATSINK.
(CARE SHOULD BE TAKEN TO AVOID UPWARD PRESSURE OF
THE LEADS TOWARDS THE LID).
SOLDER LEADS IN PLACE USING APPROPROATE SOLDER WITH
A CONTROLLED TEMPERATURE IRON.
** FOR MORE DETAILS CONTACT FACTORY **
150-50TG (097) Rev A


Similar Part No. - RFP-150-50TG

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-150-50TCGF ANAREN-RFP-150-50TCGF Datasheet
498Kb / 2P
   Flanged Terminations
RFP-150-50TCGF-S ANAREN-RFP-150-50TCGF-S Datasheet
351Kb / 2P
   Full Flange Termination 150 Watts, 50Ohms
RFP-150-50TCGN-S ANAREN-RFP-150-50TCGN-S Datasheet
249Kb / 2P
   Flangeless Termination 150 Watts, 50W
More results

Similar Description - RFP-150-50TG

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-400-XXXR-S ANAREN-RFP-400-XXXR-S Datasheet
258Kb / 2P
   Welded Silver Leads
20-120RP-S ANAREN-20-120RP-S Datasheet
251Kb / 2P
   Welded Silver Leads
RFP-800-50R ANAREN-RFP-800-50R Datasheet
235Kb / 2P
   Welded Silver Leads
logo
Littelfuse
0479003.MXEP LITTELFUSE-0479003.MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
0479005.MXEP LITTELFUSE-0479005.MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
0479002.MXEP LITTELFUSE-0479002.MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
047901.5MXEP LITTELFUSE-047901.5MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
047902.5MXEP LITTELFUSE-047902.5MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
0479004.MXEP LITTELFUSE-0479004.MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
logo
Ohmite Mfg. Co.
RES-AXIOHM OHMITE-RES-AXIOHM Datasheet
311Kb / 2P
   Welded construction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com