Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA-300TA-103-10000 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # MA-300TA-103-10000
Description  Biomedical Chip Thermistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MA-300TA-103-10000 Datasheet(HTML) 4 Page - Amphenol Corporation

  MA-300TA-103-10000 Datasheet HTML 1Page - Amphenol Corporation MA-300TA-103-10000 Datasheet HTML 2Page - Amphenol Corporation MA-300TA-103-10000 Datasheet HTML 3Page - Amphenol Corporation MA-300TA-103-10000 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AAS-920-321B-06/2015
www.amphenol-sensors.com
© 2015 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
NTC Type MA Specifications
Ordering Information
The code number to be ordered may be specif ied as follows:
MA
Code
Standard Assemblies
100FA
Series 100, 0.070 in (1.78 mm) diameter molded plastic tip,
30 gauge PVC insulated ribbon cable.
100FD
Series 100, 0.070 in (1.78 mm) diameter molded plastic tip,
32 gauge bifilar heavy isomid insulation.
100DD
Series 100, 0.050 in (1.27 mm) diameter kapton sleeve with
32 gauge bifilar heavy isomid insulation.
100BF
Series 100, 0.030 in (0.768 mm) diameter kapton sleeve with
38 gauge bifilar heavy isomid insulation.
200LC
Series 200, 0.156 in (3.96 mm) diameter aluminum tip,
30 gauge PTFE leads.
300TA
Series 300, 0.375 in (9.52 mm) diameter stainless steel cup,
30 gauge PVC insulated ribbon cable.
300TB
Series 300, 0.375 in (9.52 mm) diameter stainless steel cup,
30 gauge PTFE insulated ribbon cable.
100GG
Series 100, 0.080 in (2.03 mm) diameter molded plastic tip,
28 gauge kynar insulated twisted pair.
Code
Resistance Cable*
232
2252 Ω
302
3000 Ω
502
5000 Ω
103
10,000 Ω
103 (Y)
10,000 Ω
Code
Tolerance
X
Refer to tolerance code and temperature
range table
MA - ______ - ______ - ______ Typical Model Number
*Refer to resistance vs temperature table on previous page.


Similar Part No. - MA-300TA-103-10000

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MA-301-27E OHMITE-MA-301-27E Datasheet
366Kb / 2P
   Minimum assembly cost and labor
MA-301-27E OHMITE-MA-301-27E Datasheet
366Kb / 2P
   Heatsink with clips for TO-264 and TO-247
MA-302-55E OHMITE-MA-302-55E Datasheet
366Kb / 2P
   Minimum assembly cost and labor
MA-302-55E OHMITE-MA-302-55E Datasheet
366Kb / 2P
   Heatsink with clips for TO-264 and TO-247
logo
List of Unclassifed Man...
MA-306 ETC1-MA-306 Datasheet
30Kb / 1P
   SMALL SMD HIGH - FREQUENCY CRYSTAL UNIT
More results

Similar Description - MA-300TA-103-10000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMFX30F102 ETC2-CMFX30F102 Datasheet
759Kb / 6P
   Chip NTC Thermistors
CMFB35Z103JNT ETC2-CMFB35Z103JNT Datasheet
759Kb / 6P
   Chip NTC Thermistors
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104LH154JTDS TDK-NTCG104LH154JTDS Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG164BH222JTDS TDK-NTCG164BH222JTDS Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203JH472JT1 TDK-NTCG203JH472JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203SH223JT1 TDK-NTCG203SH223JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103JH103HT1 TDK-NTCG103JH103HT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG064BF473FTBX TDK-NTCG064BF473FTBX Datasheet
111Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com