Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA-100GG-302-10000 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # MA-100GG-302-10000
Description  Biomedical Chip Thermistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MA-100GG-302-10000 Datasheet(HTML) 2 Page - Amphenol Corporation

  MA-100GG-302-10000 Datasheet HTML 1Page - Amphenol Corporation MA-100GG-302-10000 Datasheet HTML 2Page - Amphenol Corporation MA-100GG-302-10000 Datasheet HTML 3Page - Amphenol Corporation MA-100GG-302-10000 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NTC Type MA Specifications
MA100
Designed for use in catheter assemblies, these sensors
are available with nominal resistance values of 2252,
3000, 5000, and 10,000 Ω at 77°F (25°C). Close monitor-
ing of manufacturing processes allow Thermometrics
to maintain tight interchangeability tolerances with
volume production. Typical design parameters are rep-
resented in Assembly Type table.
0.030 in (0.76 mm) (10 KΩ only) and 0.050 in(1.27mm)
diameters available with kapton sleeve only.
0.070 in (1.78 mm) diameter normally supplied with
molded plastic tip.
MA200
Intermittent body temperature measurements are
common practice in all phases of patient care. This
assembly is ideally suited for the disposable cover oral
and rectal fever thermometers in use today. It features
rugged construction with tip sensitive shaft assemblies
exhibiting resistance values of 2252, 3000, 5000, and
10,000 Ω at 77°F (25°C). Refer to Assembly Type table
for typical design parameters.
MA300
Routine continuous patient temperature monitoring is
now feasible by using the convenience of the patient’s
skin site as an indicator of body temperature. The stain-
less steel housing used is suitable for both reusable and
disposable applications, while maintaining maximum
patient comfort . Nominal resistance values of 2252,
3000, 5000, and 10,000 Ω at 77°F (25°C) are available.
Refer to Assembly Type table for typical design param-
eters.
Assembly Type
Assembly
Type
MA100
MA200
MA300
Standard
Diameters
(D)
0.030 in (0.762 mm)
0.050 in (1.27 mm)
0.070 in (1.78 mm)
0.080 in (2.03 mm)
0.156 in (3.96 mm)
0.375 in (9.52 mm)
Body
Length (L)
3/8 in (9.52 mm)
3.75 in (95.25 mm)
N/A
Lead Length
(A)
3/8 in (9.52 mm)
3.75 in (95.25 mm)
N/A
Tolerance
See Tolerance Code
and Temperature
Table
See Tolerance Code
and Temperature
Table
See Tolerance Code
and Temperature
Table
Wire Gauge
20, 30, 32, 38, AWG
30 AWG
30 AWG
Standard
Wire
Insulation
*Heavy Isomid
*Medical Grade PVC
*Polyurethane with
Nylon Overcoat
PTFE
Medical Grade PVC
PTFE
Body
Material
Molded Plastic or
Kapton Sleeve
Lexan Shaft
Aluminum Tip
Stainless Steel
Nominal R Values @ 77°F (25°C)
2252 Ω, 3000 Ω, 5000 Ω, 10,000 Ω
(for all three types)
Thermal Response Time (63% Response)
Series
Still Air
Still Water*
MA100
Catherter Assembly
15 seconds
2.0 seconds
MA200
Oral-Rectal Assembly
35 seconds
0.6 seconds
MA300
Skin Surface Assembly
45 seconds
2.0 seconds
*Response time provided is for assembly plunged from 77°F (25°C) air to 41°F (5°C) water.


Similar Part No. - MA-100GG-302-10000

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MA-100002 APITECH-MA-100002 Datasheet
335Kb / 6P
   X-Band 4 x QTRM Plank Product Capability
More results

Similar Description - MA-100GG-302-10000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMFX30F102 ETC2-CMFX30F102 Datasheet
759Kb / 6P
   Chip NTC Thermistors
CMFB35Z103JNT ETC2-CMFB35Z103JNT Datasheet
759Kb / 6P
   Chip NTC Thermistors
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104LH154JTDS TDK-NTCG104LH154JTDS Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG164BH222JTDS TDK-NTCG164BH222JTDS Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203JH472JT1 TDK-NTCG203JH472JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203SH223JT1 TDK-NTCG203SH223JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103JH103HT1 TDK-NTCG103JH103HT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG064BF473FTBX TDK-NTCG064BF473FTBX Datasheet
111Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com