Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0622018999 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0622018999
Description  Impel 92 Ohm, 4 Pair Right Angle Daughtercard, 3.00mm Pitch, Unguided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0622018999 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622018999 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018999 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 02/17/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1713291020
Status:
Active
Overview:
Impel™ and Impel™ Plus Backplane Solutions
Description:
Impel™ 92 Ohm, 4 Pair Right Angle Daughtercard, 3.00mm Pitch, Unguided, 10
Columns, 80 Circuits, Plated Through Hole Dimension 0.36mm
Documents:
3D Model
Application Specification AS-171320-991-001 (PDF)
Drawing (PDF)
Application Specification AS-171320-992-001 (PDF)
Product Specification PS-171320-999-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-171320-990-001 (PDF)
General
Product Family
Backplane Connectors
Series
171329
Application
Daughtercard
Component Type
PCB Receptacle
Overview
Impel™ and Impel™ Plus Backplane Solutions
Product Name
Impel™
UPC
889056053136
Physical
Circuits (Loaded)
80
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Nickel, Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
28.330/g
Number of Columns
10
Number of Pairs
4
Number of Rows
8
Orientation
Right Angle
PC Tail Length
1.30mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
3.00mm
Pitch - Termination Interface
3.00mm
Plating min - Mating
0.762µm
Temperature Range - Operating
-55°C to +85°C
Electrical
Current - Maximum per Contact
0.75A
Data Rate
40.0 Gbps
Impedance
92Ω
Shield Type
Full Shield
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
171329 Series
Mates With
Impel™ Vertical Backplane Header
171325-1108
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Impel Daughtercard
Press-In Tool
0622018999


Similar Part No. - 0622018999

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622018999 MOLEX11-0622018999 Datasheet
61Kb / 2P
   Impel 92 Ohm, 4 Pair Right Angle Daughtercard, 3.00mm Pitch, Unguided
More results

Similar Description - 0622018999

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1713291036 MOLEX1-1713291036_17 Datasheet
46Kb / 2P
   Impel 92 Ohm, 4 Pair Right-Angle Daughtercard, 3.00mm Pitch, Unguided
1713291036 MOLEX11-1713291036 Datasheet
46Kb / 2P
   Impel 92 Ohm, 4 Pair Right-Angle Daughtercard, 3.00mm Pitch, Unguided
1713291020 MOLEX11-1713291020 Datasheet
61Kb / 2P
   Impel 92 Ohm, 4 Pair Right Angle Daughtercard, 3.00mm Pitch, Unguided
1717601038 MOLEX1-1717601038_17 Datasheet
62Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 3.00mm Pitch, Unguided
1717601038 MOLEX11-1717601038 Datasheet
64Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 3.00mm Pitch, Unguided
1713201026 MOLEX1-1713201026_17 Datasheet
62Kb / 2P
   Impel 92 Ohm, 4 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1713201026 MOLEX11-1713201026 Datasheet
64Kb / 2P
   Impel 92 Ohm, 4 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1713201038 MOLEX11-1713201038 Datasheet
60Kb / 2P
   Impel 92 Ohm, 4 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1713295020 MOLEX1-1713295020_17 Datasheet
64Kb / 2P
   Impel 92 Ohm, 4 Pair Right-Angle Daughtercard, 3.00mm Pitch, Right Guided
1713295020 MOLEX11-1713295020 Datasheet
64Kb / 2P
   Impel 92 Ohm, 4 Pair Right-Angle Daughtercard, 3.00mm Pitch, Right Guided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com