Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSRLL30XV2T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSRLL30XV2T1G
Description  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSRLL30XV2T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NSRLL30XV2T1G_17 Datasheet HTML 1Page - ON Semiconductor NSRLL30XV2T1G_17 Datasheet HTML 2Page - ON Semiconductor NSRLL30XV2T1G_17 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NSRLL30XV2T1G
www.onsemi.com
2
Notes: 1. A 2.0 k
W variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2 k
820
W
0.1
mF
DUT
VR
100
mH
0.1
mF
50
W Output
Pulse
Generator
50
W Input
Sampling
Oscilloscope
t
r
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
200
0.0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85
°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
510
15
20
25
14
0
VR, REVERSE VOLTAGE (VOLTS)
12
4
2
0
510
15
30
Figure 2. Forward Voltage
Figure 3. Leakage Current
Figure 4. Total Capacitance
− 40
°C
25
°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 25°C
0.6
− 55
°C
150
°C
125
°C
100
1000
30
25
20
6
8
10
100
0.001
tP, PULSE ON TIME (ms)
10
5
0
0.01
0.1
1
1000
Figure 5. Forward Surge Current
100
10
15
20
25
Based on square wave currents
TJ = 25°C prior to surge


Similar Part No. - NSRLL30XV2T1G_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSRLL30XV2T1G ONSEMI-NSRLL30XV2T1G Datasheet
54Kb / 3P
   Schottky Barrier Diode
August, 2006 ??Rev. 0
More results

Similar Description - NSRLL30XV2T1G_17

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com