Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2006-18.6K-146-UD Datasheet(PDF) 4 Page - Amphenol Corporation

Part # 2006-18.6K-146-UD
Description  Available as a broad range of resistances and material systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

2006-18.6K-146-UD Datasheet(HTML) 4 Page - Amphenol Corporation

  2006-18.6K-146-UD Datasheet HTML 1Page - Amphenol Corporation 2006-18.6K-146-UD Datasheet HTML 2Page - Amphenol Corporation 2006-18.6K-146-UD Datasheet HTML 3Page - Amphenol Corporation 2006-18.6K-146-UD Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AAS-920-326A-04/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors


Similar Part No. - 2006-18.6K-146-UD

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2006-1601 WAGO-2006-1601 Datasheet
817Kb / 15P
   2-conductor through terminal block; 6 mm짼; with test option
24.11.2021
2006-1611 WAGO-2006-1611 Datasheet
753Kb / 17P
   2-conductor fuse terminal block; with pivoting fuse holder
24.11.2021
2006-1631 WAGO-2006-1631 Datasheet
733Kb / 17P
   2-conductor fuse terminal block; with pivoting fuse holder
24.11.2021
2006-1661 WAGO-2006-1661 Datasheet
470Kb / 15P
   2-conductor carrier terminal block; for DIN-rail 35 x 15 and 35 x 7.5; 6 mm짼; Push-in CAGE CLAMP짰; 6,00 mm짼; gray
24.11.2021
2006-1671 WAGO-2006-1671 Datasheet
888Kb / 15P
   2-conductor disconnect terminal block; with pivoting knife disconnect
24.11.2021
More results

Similar Description - 2006-18.6K-146-UD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
88950305 ETC2-88950305 Datasheet
116Kb / 2P
   Broad range of supply voltage
logo
Pentair plc. All rights...
360 PENTAIR-360 Datasheet
255Kb / 2P
   COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
361 PENTAIR-361 Datasheet
254Kb / 2P
   COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
logo
New Jersey Semi-Conduct...
2N1770 NJSEMI-2N1770 Datasheet
343Kb / 1P
   BROAD VOLTAGE RANGE
logo
Advanced Crystal Techno...
ACTHC49 ACT-ACTHC49 Datasheet
91Kb / 3P
   broad range of frequencies and tolerances in both standard and industrial temperature ranges.
6/02/05
logo
List of Unclassifed Man...
SD9SB8W-1T00 ETC1-SD9SB8W-1T00 Datasheet
587Kb / 2P
   EXCEPTIONAL STORAGE OPTIONS FOR A BROAD RANGE
logo
Maxim Integrated Produc...
MAX14435FWEVKIT MAXIM-MAX14435FWEVKIT Datasheet
1Mb / 11P
   Broad Range of Data Transfer Rates (from DC to200Mbps)
Rev 0; 7/17
logo
List of Unclassifed Man...
875B ETC2-875B Datasheet
915Kb / 1P
   Precision measurement of very low resistances
logo
Maxim Integrated Produc...
MAX12934BWEVKIT MAXIM-MAX12934BWEVKIT Datasheet
1Mb / 9P
   Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 1; 8/20
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
   A wide range of marker sizes and colors are available for custom designs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com