Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR05T30P2T5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSR05T30P2T5G
Description  500 mA, 30V Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR05T30P2T5G Datasheet(HTML) 1 Page - ON Semiconductor

  NSR05T30P2T5G Datasheet HTML 1Page - ON Semiconductor NSR05T30P2T5G Datasheet HTML 2Page - ON Semiconductor NSR05T30P2T5G Datasheet HTML 3Page - ON Semiconductor NSR05T30P2T5G Datasheet HTML 4Page - ON Semiconductor NSR05T30P2T5G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2016
October, 2016 − Rev. P2
1
Publication Order Number:
NSR05T30P2/D
NSR05T30P2
Product Preview
500 mA, 30 V Schottky
Barrier Diode
These Schottky barrier diodes are optimized for low forward
voltage drop and low leakage current that offers the most optimal
power dissipation in applications. They are housed in spacing saving
micro−packaging ideal for space constraint applications.
Features
Low Forward Voltage Drop − 450 mV (Typ.) @ IF = 500 mA
Low Reverse Current − 40 mA (Typ.) @ VR = 30 V
500 mA of Continuous Forward Current
ESD Rating: − Human Body Model: Class 3B
− Charged Device Model: Class IV
High Switching Speed
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
LCD and Keypad Backlighting
Camera Photo Flash
Buck and Boost dc−dc Converters
Reverse Voltage and Current Protection
Clamping & Protection
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Forward Current (DC)
IF
500
mA
Forward Surge Current
(60 Hz @ 1 cycle)
IFSM
2.5
A
Repetitive Peak Forward Current
(Pulse Wave = 1 sec, Duty Cycle = 66%)
IFRM
1
A
ESD Rating:
Human Body Model
Charged Device Model
ESD
> 8
> 1
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
1
CATHODE
2
ANODE
www.onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
NSR05T30P2T5G SOD−923
(Pb−Free)
2 mm Pitch
8000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOD−923
CASE 514AB
MARKING
DIAGRAM
1
2
YNM
YN
= Specific Device Code
M
= Date Code


Similar Part No. - NSR05T30P2T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
   500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
NSR05T30XV2T5G ONSEMI-NSR05T30XV2T5G Datasheet
133Kb / 6P
   500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
More results

Similar Description - NSR05T30P2T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR05T40P2 ONSEMI-NSR05T40P2_16 Datasheet
61Kb / 5P
   500 mA, 40 V Schottky Barrier Diode
August, 2016 ??Rev. 2
logo
Micro Commercial Compon...
RB551V-40 MCC-RB551V-40 Datasheet
321Kb / 3P
   500 mA Schottky Barrier Diode 40 Volts
RB551V-30 MCC-RB551V-30 Datasheet
167Kb / 2P
   500 mA Schottky Barrier Diode 30 Volts
logo
ON Semiconductor
NSR05402 ONSEMI-NSR05402 Datasheet
330Kb / 5P
   500 mA, 40 V Schottky Barrier Diode
June, 2019 ??Rev. 0
NSR05T404MX ONSEMI-NSR05T404MX Datasheet
69Kb / 5P
   500 mA, 40 V Schottky Barrier Diode
August, 2017 ??Rev. P1
logo
Micro Commercial Compon...
RB551V-30 MCC-RB551V-30_16 Datasheet
321Kb / 3P
   Schottky Barrier Diode 30 Volts 500 mA
logo
ON Semiconductor
NSR05T40P2 ONSEMI-NSR05T40P2 Datasheet
68Kb / 5P
   500 mA, 40 V Schottky Barrier Diode
July, 2015 ??Rev. 1
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
   500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
logo
Microsemi Corporation
1N6675UR-1 MICROSEMI-1N6675UR-1 Datasheet
417Kb / 6P
   200 and 500 mA Schottky Barrier Rectifier
logo
First Components Intern...
SS520 FCI-SS520 Datasheet
71Kb / 2P
   500 mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com