Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR05T30P2T5G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSR05T30P2T5G
Description  500 mA, 30V Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR05T30P2T5G Datasheet(HTML) 5 Page - ON Semiconductor

  NSR05T30P2T5G Datasheet HTML 1Page - ON Semiconductor NSR05T30P2T5G Datasheet HTML 2Page - ON Semiconductor NSR05T30P2T5G Datasheet HTML 3Page - ON Semiconductor NSR05T30P2T5G Datasheet HTML 4Page - ON Semiconductor NSR05T30P2T5G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NSR05T30P2
www.onsemi.com
5
PACKAGE DIMENSIONS
SOD−923
CASE 514AB
ISSUE C
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH. MINIMUM LEAD THICKNESS IS THE
MINIMUM THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS, OR GATE BURRS.
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.34
0.37
0.40
b
0.15
0.20
0.25
c
0.07
0.12
0.17
D
0.75
0.80
0.85
E
0.55
0.60
0.65
0.95
1.00
1.05
L
0.19 REF
HE
0.013
0.015
0.016
0.006
0.008
0.010
0.003
0.005
0.007
0.030
0.031
0.033
0.022
0.024
0.026
0.037
0.039
0.041
0.007 REF
MIN
NOM
MAX
INCHES
D
E
c
A
−Y−
−X−
2
1
DIMENSIONS: MILLIMETERS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
See Application Note AND8455/D for more mounting details
1.20
2X
0.25
2X
0.36
PACKAGE
OUTLINE
b
2X
0.08 XY
TOP VIEW
HE
SIDE VIEW
2X
BOTTOM VIEW
L2
L
2X
L2
0.05
0.10
0.15
0.002
0.004
0.006
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NSR05T30P2/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NSR05T30P2T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
   500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
NSR05T30XV2T5G ONSEMI-NSR05T30XV2T5G Datasheet
133Kb / 6P
   500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
More results

Similar Description - NSR05T30P2T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR05T40P2 ONSEMI-NSR05T40P2_16 Datasheet
61Kb / 5P
   500 mA, 40 V Schottky Barrier Diode
August, 2016 ??Rev. 2
logo
Micro Commercial Compon...
RB551V-40 MCC-RB551V-40 Datasheet
321Kb / 3P
   500 mA Schottky Barrier Diode 40 Volts
RB551V-30 MCC-RB551V-30 Datasheet
167Kb / 2P
   500 mA Schottky Barrier Diode 30 Volts
logo
ON Semiconductor
NSR05402 ONSEMI-NSR05402 Datasheet
330Kb / 5P
   500 mA, 40 V Schottky Barrier Diode
June, 2019 ??Rev. 0
NSR05T404MX ONSEMI-NSR05T404MX Datasheet
69Kb / 5P
   500 mA, 40 V Schottky Barrier Diode
August, 2017 ??Rev. P1
logo
Micro Commercial Compon...
RB551V-30 MCC-RB551V-30_16 Datasheet
321Kb / 3P
   Schottky Barrier Diode 30 Volts 500 mA
logo
ON Semiconductor
NSR05T40P2 ONSEMI-NSR05T40P2 Datasheet
68Kb / 5P
   500 mA, 40 V Schottky Barrier Diode
July, 2015 ??Rev. 1
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
   500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
logo
Microsemi Corporation
1N6675UR-1 MICROSEMI-1N6675UR-1 Datasheet
417Kb / 6P
   200 and 500 mA Schottky Barrier Rectifier
logo
First Components Intern...
SS520 FCI-SS520 Datasheet
71Kb / 2P
   500 mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com