Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBRD5H100T4G-VF01 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBRD5H100T4G-VF01
Description  Switch-mode Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBRD5H100T4G-VF01 Datasheet(HTML) 1 Page - ON Semiconductor

  NBRD5H100T4G-VF01 Datasheet HTML 1Page - ON Semiconductor NBRD5H100T4G-VF01 Datasheet HTML 2Page - ON Semiconductor NBRD5H100T4G-VF01 Datasheet HTML 3Page - ON Semiconductor NBRD5H100T4G-VF01 Datasheet HTML 4Page - ON Semiconductor NBRD5H100T4G-VF01 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2016
November, 2016 − Rev. 7
1
Publication Order Number:
MBRD5H100/D
MBRD5H100, NBRD5H100
Switch-mode Schottky
Power Rectifier
Surface Mount Power Package
This series of Power Rectifiers employs the Schottky Barrier
principle in a large metal−to−silicon power diode. State−of−the−art
geometry features epitaxial construction with oxide passivation and
metal overlay contact. Ideally suited for use in low voltage, high
frequency switching power supplies, free wheeling diodes, and
polarity protection diodes.
Features
Guardring for Stress Protection
Low Forward Voltage
175°C Operating Junction Temperature
Epoxy Meets UL 94 V−0 @ 0.125 in
Short Heat Sink Tab Manufactured − Not Sheared!
NBRD Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant*
Mechanical Characteristics:
Case: Epoxy, Molded, Epoxy Meets UL 94 V−0
Weight: 0.4 grams (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Device Meets MSL1 Requirements
ESD Ratings:
Machine Model = C (> 400 V)
Human Body Model = 3B (> 8000 V)
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SCHOTTKY BARRIER
RECTIFIER
5 AMPERES, 100 VOLTS
www.onsemi.com
MARKING DIAGRAM
DPAK
CASE 369C
YWW
B
5100G
Y
= Year
WW
= Work Week
B5100
= Device Code
G
= Pb−Free Package
1
3
4
(Pin 1: No Connect)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Device
Package
Shipping
ORDERING INFORMATION
MBRD5H100T4G
DPAK
(Pb−Free)
2,500 /
Tape & Reel
NBRD5H100T4G
DPAK
(Pb−Free)
2,500 /
Tape & Reel
NBRD5H100T4G−VF01
DPAK
(Pb−Free)
2,500 /
Tape & Reel


Similar Part No. - NBRD5H100T4G-VF01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBRD5H100T4G ONSEMI-NBRD5H100T4G Datasheet
106Kb / 5P
   SWITCHMODE Schottky Power Rectifier
October, 2012 ??Rev. 5
NBRD5H100T4G ONSEMI-NBRD5H100T4G Datasheet
70Kb / 5P
   Switch-mode Schottky Power Rectifier
April, 2015 ??Rev. 6
More results

Similar Description - NBRD5H100T4G-VF01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF20200CTG ONSEMI-MBRF20200CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 8
MBRB1045G ONSEMI-MBRB1045G Datasheet
79Kb / 6P
   Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 9
MBR40250G ONSEMI-MBR40250G Datasheet
86Kb / 7P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 14
SUR180E ONSEMI-SUR180E Datasheet
87Kb / 6P
   Switch-mode Schottky Power Rectifier
June, 2015 ??Rev. 0
MBRD5H100 ONSEMI-MBRD5H100 Datasheet
70Kb / 5P
   Switch-mode Schottky Power Rectifier
April, 2015 ??Rev. 6
MBRD1035CTL ONSEMI-MBRD1035CTL_16 Datasheet
74Kb / 6P
   Switch-mode Schottky Power Rectifier
October, 2016 ??Rev. 11
MBRF2060CTG ONSEMI-MBRF2060CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF2545CTG ONSEMI-MBRF2545CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF20100CTG ONSEMI-MBRF20100CTG Datasheet
55Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 10
MBR4015LWTG ONSEMI-MBR4015LWTG Datasheet
73Kb / 5P
   Switch Mode Schottky Power Rectifier
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com