Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB5416A-EU Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MB5416A-EU
Description  8/16-port Modbus Gateway
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB5416A-EU Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MB5416A-EU Datasheet HTML 1Page - List of Unclassifed Manufacturers MB5416A-EU Datasheet HTML 2Page - List of Unclassifed Manufacturers MB5416A-EU Datasheet HTML 3Page - List of Unclassifed Manufacturers MB5416A-EU Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Regulatory Approvals for MB5408A/MB5416A/MB5408A2-N/MB5416A2-N
EMI
EMS
EN 55022: 2010, EN 55024: 2010, FCC Part 15B, Class A
Safety
Shock
Freefall
Vibration
RoHS II
EN60950-1
IEC 60068-2-27
IEC 60068-2-32
IEC 60068-2-64
Yes
Safety
Shock
Freefall
Vibration
RoHS II
EN60950-1
IEC 60068-2-27
IEC 60068-2-32
IEC 60068-2-64
Yes
ESD
RS
EFT
Surge
CS
PFMF
Dip
Enclosure Contact
Enclosure Air
Enclosure Ports
Signal Ports
DC Power Ports
AC Power Ports
Signal Ports
Signal Ports
DC Power Ports
AC Power Ports
Signal Ports
DC Power Ports
AC Power Ports
Enclosure Ports
AC Power Ports
8 kV
15 kV
10 V/m
2 kV
2 kV
4 kV
2 kV line-to-earth
2 kV line-to-earth
1 kV line-to-earth, 1 kV line-line
4 kV line-to-earth, 2 kV line-line
10 A/m continuous
Dips: >95% dip, 30% reduction
Interruptions: >95%
IEC 61000-4-2
IEC 61000-4-3
IEC 61000-4-4
IEC 61000-4-5
IEC 61000-4-6
IEC 61000-4-8
IEC 61000-4-11
Test
Item
Value
Level
Criteria
3
4
3
4
3
3
2
4
3
-
-
B
B
A
B
B
B
B
B
A
A
A
A
B
4
10 V
3
A
DA_Modbus_E:v6-140826
Atop Technologies, Inc.
TEL:+886-3-5508137
FAX:+886-3-5508131
sales@atop.com.tw
http://www.atop.com.tw
Design and specification are subjected to change without notice.
All product names referenced herein are registered trademarks of their respective companies.
Regulatory Approvals for MB5404D-X /MB5404D-Sis-X
EMI
EMS
EN55022:2006+A1:2007, EN55024:1998+A1:2001+A2:2003, FCC Part 15B, Class A
ESD
RS
EFT
Surge
CS
PFMF
Enclosure Contact
Enclosure Air
Enclosure Ports
Signal Ports
Power Ports
Signal Ports
Power Ports
Signal Ports
Power Ports
Enclosure Ports
IEC 61000-4-2
IEC 61000-4-3
IEC 61000-4-4
IEC 61000-4-5
IEC 61000-4-6
IEC 61000-4-8
Test
Item
Value
Level
Criteria
3
3
3
3
3
3
2
3
3
1
A
A
A
A
A
A
A
A
A
A
6 kV
8 kV
10 V/m
1 kV
2 kV
2 kV line-to-earth
0.5 kV line-to-earth
10 V
10 V
1 A/m continuous


Similar Part No. - MB5416A-EU

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MB54101BAN MURATA-MB54101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB54101BBN MURATA-MB54101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB54101CAN MURATA-MB54101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB54101CBN MURATA-MB54101CBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB54101DAN MURATA-MB54101DAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB5416A-EU

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-1228 ADVANTECH-EKI-1228 Datasheet
459Kb / 2P
   8-port Modbus Gateway
8-Jun-2022
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
   1-port Modbus Gateway
EKI-1224 ADVANTECH-EKI-1224 Datasheet
241Kb / 1P
   4-port Modbus Gateway
EKI-1221 ADVANTECH-EKI-1221_15 Datasheet
428Kb / 2P
   1-port Modbus Gateway
EKI-1221 ADVANTECH-EKI-1221 Datasheet
561Kb / 1P
   1-port Modbus Gateway
EKI-1221R ADVANTECH-EKI-1221R Datasheet
572Kb / 2P
   1-port Modbus Gateway/Router
17-Mar-2020
logo
D+H Mechatronic AG
ACN-GW501-MRTU-0200 DH-ACN-GW501-MRTU-0200 Datasheet
476Kb / 2P
   Modbus gateway
logo
Weidmuller
1504470000 WEIDMULLER-1504470000 Datasheet
232Kb / 4P
   Modbus TCP/Modbus Seriell Gateway
1504460000 WEIDMULLER-1504460000 Datasheet
232Kb / 4P
   Modbus TCP/Modbus Seriell Gateway
logo
Moxa Inc.
MB3660 MOXA-MB3660 Datasheet
899Kb / 6P
   8 and 16-port redundant Modbus gateways
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com