Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDK503C1R1 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NDK503C1R1
Description  Designed for accurate temperature measurement, control and compensation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NDK503C1R1 Datasheet(HTML) 2 Page - Amphenol Corporation

  NDK503C1R1 Datasheet HTML 1Page - Amphenol Corporation NDK503C1R1 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TypeNDKSpecifications
Epoxy-coatedchipthermistor
R25
W
Material
System
B Value
25/85°C
K
Maximum
Operating
Temperature
°F (°C)
Code
R25°C ± 1%
Code
R25°C ± 2%
Code
R25°C ± 3%
Code
R25°C ± 5%
Code
R25°C ± 10%
1000
2
3540±1%
257(125)
NDK102C2R1
NDK102C2R2
NDK102C2R3
NDK102C2R5
NDK102C2R10
2000
2
3540±1%
257(125)
NDK202CR1
NDK202C2R2
NDK202C2R3
NDK202C2R5
NDK202C2R10
5000
2
3540±1%
257(125)
NDK502CR1
NDK502C2R2
NDK502C2R3
NDK502C2R5
NDK502C2R10
1000
2A
3627±1%
257(125)
NDK102C2AR1
NDK102C2AR2
NDK102C2AR3
NDK102C2AR5
NDK102C2AR10
2000
2A
3627±1%
257(125)
NDK202C2AR1
NDK202C2AR2
NDK202C2AR3
NDK202C2AR5
NDK202C2AR10
5000
2A
3627±1%
257(125)
NDK502C2AR1
NDK502C2AR2
NDK502C2AR3
NDK502C2AR5
NDK502C2AR10
2700
1
3977±0.75%
311(155)
NDK272C1R1
NDK272C1R2
NDK272C1R3
NDK272C1R5
NDK272C1R10
5000
1
3977±0.75%
311(155)
NDK502C1R1
NDK502C1R2
NDK502C1R3
NDK502C1R5
NDK502C1R10
10000
1
3977±0.75%
311(155)
NDK103C1R1
NDK103C1R2
NDK103C1R3
NDK103C1R5
NDK103C1R10
30000
1
3977±0.75%
311(155)
NDK303C1R1
NDK303C1R2
NDK303C1R3
NDK303C1R5
NDK303C1R10
50000
1
3977±0.75%
311(155)
NDK503C1R1
NDK503C1R2
NDK503C1R3
NDK503C1R5
NDK503C1R10
10000
4A
3436±1%
311(155)
NDK103C4AR1
NDK103C4AR2
NDK103C4AR3
NDK103C4AR5
NDK103C4AR10
12000
5
3740±1%
257(125)
NDK123C5R1
NDK123C5R2
NDK123C5R3
NDK123C5R5
NDK123C5R10
See separate tables for resistance - temperature data.
AAS-920-576B 09/2015
www.amphenol-sensors.com
©2015AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors
Options
•Otherresistancevalueswithintherangesshown;e.g.,
codeNDK152C2R1for1500
W±1%at77°F(25ºC)in
therangeof32°F(0ºC)uptothemaximumoperating
temperature
•Referencetemperatures
•Wirelengths1.181into23.62in(30mmto600mm)(±1
mmor±2%,whicheveristhegreater)
•Otherwirematerials
Data
•Minimumoperatingtemperaturerange:-40°Fto311°F
(-40°Cto155°C)
•Thermaltimeconstant:<10s
•Dissipationfactor:1.5mW/K
•Voltageinsulation:500VDC
•Packing/MOQ:500/box
NTC Type NDK Dimensions
0.195in(5mm)
max
0.117in(3mm)
max
0.095in
(2.4mm)
max
0.095in
(2.4mm)
max
2.5in(65mm)min
Ø0.00787in(0.2mm)


Similar Part No. - NDK503C1R1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NDK AMPHENOL-NDK Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Nihon Kaiheiki Industry...
NDKC10H NKK-NDKC10H Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
NDKC10P NKK-NDKC10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
NDKC16H NKK-NDKC16H Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
NDKC16P NKK-NDKC16P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
More results

Similar Description - NDK503C1R1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
   Designed for accurate temperature measurement, control and compensation
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
   For reduced voltage and temperature compensation
logo
ams AG
AS5171 AMSCO-AS5171 Datasheet
837Kb / 42P
   Accurate angle measurement
logo
List of Unclassifed Man...
MF51E3270 ETC2-MF51E3270 Datasheet
610Kb / 3P
   MF51E High Precision NTC Thermistors for Extremely Accurate Temperature Measurement
logo
Maxim Integrated Produc...
MAX1729 MAXIM-MAX1729 Datasheet
158Kb / 12P
   ECB and LCD Display Bias Supply with Accurate Output Voltage and Temperature Compensation
19-1406; Rev 1; 1/99
logo
List of Unclassifed Man...
B59701A100A62 ETC2-B59701A100A62 Datasheet
95Kb / 2P
   Measurement and Control
logo
ams AG
AS5170 AMSCO-AS5170 Datasheet
1Mb / 47P
   Accurate angle measurement
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com