Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSC31150GAG1 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSC31150GAG1
Description  Fast Automotive Sensor Signal Conditioner
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31150GAG1 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSC31150GAG1 Datasheet HTML 4Page - Integrated Device Technology ZSC31150GAG1 Datasheet HTML 5Page - Integrated Device Technology ZSC31150GAG1 Datasheet HTML 6Page - Integrated Device Technology ZSC31150GAG1 Datasheet HTML 7Page - Integrated Device Technology ZSC31150GAG1 Datasheet HTML 8Page - Integrated Device Technology ZSC31150GAG1 Datasheet HTML 9Page - Integrated Device Technology ZSC31150GAG1 Datasheet HTML 10Page - Integrated Device Technology ZSC31150GAG1 Datasheet HTML 11Page - Integrated Device Technology ZSC31150GAG1 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
8
December 6, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.6.10
INL TQE (DAC)
INLOUT
Best fit, rDAC =12-bit
-8
8
LSB
1.3.6.11
Output leak current @150°C
ILEAK_OUT
power or ground loss
-25
25
µA
1.3.7
System Response
1.3.7.1
Startup time [d]
tSTA
To 1st output; fCLK=3MHz;
no ROM check; ADC 14-bit
and 2nd order
5
ms
1.3.7.2
Response time (100% jump)[a]
tRESP
fCLK=4MHz; 13-bit, 2nd order;
refer to Table 2.3
256
512
µs
1.3.7.3
Bandwidth [a]
Comparable to analog SSCs
5
kHz
1.3.7.4
Analog output noise
peak-to-peak [a]
VNOISE,PP
Shorted inputs;
bandwidth
 10kHz
10
mV
1.3.7.5
Analog output noise RMS [a]
VNOISE,RMS
Shorted inputs;
bandwidth
 10kHz
3
mV
1.3.7.6
Ratiometricity error
REOUT_5
Maximum error of
VDDE=5V to 4.5/5.5V
1000
ppm
1.3.7.7
Overall failure (deviation from
ideal line including the INL,
gain, offset and temperature
errors) [e]
FALL TQI
13-bit, 2nd order ADC;
fCLK  3MHz; XZC=0
No sensor caused effects;
value in parentheses is the
digital readout.
0.25
(0.1)
% FS
FALL TQA
0.5
(0.25)
% FS
FALL TQE
1.0
(0.5)
% FS
[a] No measurement in mass production; parameter is guaranteed by design and/or quality observation.
[b] Refer to section 2.4.
[c] Minimum output voltage to VDDE or maximum output voltage to VSSE.
[d] Depends on resolution and configuration - start routine begins approximately 0.8ms after power on.
[e] XZC is active: additional overall failure of 25ppm/K for XZC=31 at maximum; failure decreases linearly for XZC adjustments lower than 31.
1.4 Interface Characteristics and EEPROM
Table 1.4 Interface and EEPROM Characteristics
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.4.1
I2C Interface [a]
1.4.1.1
Input-high level [b]
VI2C_IN_H
0.8
VDDA
1.4.1.2
Input-low level [b],
VI2C_IN_L
0.2
VDDA
1.4.1.3
Output-low level [b]
VI2C_OUT_L
Open Drain, IOL<2mA
0.15
VDDA
1.4.1.4
SDA load capacitance [b]
CSDA
400
pF


Similar Part No. - ZSC31150GAG1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSC31150GAG1 RENESAS-ZSC31150GAG1 Datasheet
771Kb / 27P
   Fast Automotive Sensor Signal Conditioner
More results

Similar Description - ZSC31150GAG1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31150 ETC2-ZSC31150 Datasheet
663Kb / 25P
   Fast Automotive Sensor Signal Conditioner
ZSC31150 ETC2-ZSC31150_12 Datasheet
776Kb / 26P
   Fast Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31150 RENESAS-ZSC31150 Datasheet
771Kb / 27P
   Fast Automotive Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31150 ZMD-ZMD31150 Datasheet
514Kb / 17P
   Fast Automotive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31150FEG1 ETC2-ZSC31150FEG1 Datasheet
614Kb / 24P
   Fast Automotive Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
   Automotive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
   Automotive Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com